전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VTB180-2F32417 데이터시트(PDF) 4 Page - SICK AG

부품명 VTB180-2F32417
상세설명  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

VTB180-2F32417 데이터시트(HTML) 4 Page - SICK AG

  VTB180-2F32417 Datasheet HTML 1Page - SICK AG VTB180-2F32417 Datasheet HTML 2Page - SICK AG VTB180-2F32417 Datasheet HTML 3Page - SICK AG VTB180-2F32417 Datasheet HTML 4Page - SICK AG VTB180-2F32417 Datasheet HTML 5Page - SICK AG VTB180-2F32417 Datasheet HTML 6Page - SICK AG VTB180-2F32417 Datasheet HTML 7Page - SICK AG VTB180-2F32417 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VTB180-2F32417 | V180-2
PHOTOELECTRIC SENSORS
Adjustments possible
1
5 4
③  Sensitivity control 270°
④  LED indicator orange: switching output active
⑤  LED indicator green
Connection diagram
Cd-066
+ (L+)
not connected
- (M)
BN
WH
BU
1
2
3
Q
BK
4
Characteristic curve
VTB180-2, 350 mm
60
30
40
50
20
0
10
% of sensing range
50
(1.97)
100
(3.94)
150
(5.91)
200
(7.87)
250
(9.84)
300
(11.81)
350
(13.78)
Distance in mm (inch)
mm
(inch)
VTB180-2
6 % / 90 %
18 % / 90 %
90 % / 90 %
1
2
3
①  Sensing range on white, 90% remission
②  Sensing range on gray, 18 % remission
③  Sensing range on black, 6% remission
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


유사한 부품 번호 - VTB180-2F32417

제조업체부품명데이터시트상세설명
logo
SICK AG
VTB180-2F32412 SICK-VTB180-2F32412 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

유사한 설명 - VTB180-2F32417

제조업체부품명데이터시트상세설명
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com