전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP3A105K025C7600AS 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 TP3A105K025C7600AS
상세설명  Solid Tantalum Surface Mount Chip Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3A105K025C7600AS 데이터시트(HTML) 8 Page - Vishay Siliconix

Back Button TP3A105K025C7600AS Datasheet HTML 4Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 5Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 6Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 7Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 8Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 9Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 10Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 11Page - Vishay Siliconix TP3A105K025C7600AS Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
8
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +85 °C; 10 VDC AT +125 °C
33
D
TP3D336(1)016(3)0700AS
5.3
6
0.700
0.46
33
D
TP3D336(1)016(3)0225AS
5.3
6
0.225
0.82
47
C
TP3C476(1)016(2)1000AS
7.5
6
1.000
0.33
47
C
TP3C476(1)016(2)0300AS
7.5
6
0.300
0.61
47
D
TP3D476(1)016(3)0700AS
7.5
6
0.700
0.46
47
D
TP3D476(1)016(3)0200AS
7.5
6
0.200
0.87
47
D
TP3D476(1)016(3)0150AS
7.5
6
0.150
1.00
47
D
TP3D476(1)016(3)0120AS
7.5
6
0.120
1.12
68
D
TP3D686(1)016(3)0600AS
10.9
6
0.600
0.50
68
D
TP3D686(1)016(3)0150AS
10.9
6
0.150
1.00
100
D
TP3D107(1)016(3)0600AS
16.0
8
0.600
0.50
100
D
TP3D107(1)016(3)0150AS
16.0
8
0.150
1.00
100
D
TP3D107(1)016(3)0125AS
16.0
8
0.125
1.10
100
E
TP3E107(1)016(3)0600AS
16.0
8
0.600
0.52
100
E
TP3E107(1)016(3)0100AS
16.0
8
0.100
1.28
150
E
TP3E157(1)016(3)0500AS
24.0
8
0.500
0.57
150
E
TP3E157(1)016(3)0100AS
24.0
8
0.100
1.28
220
E
TP3E227(1)016(3)0500AS
35.2
14
0.500
0.57
220
E
TP3E227(1)016(3)0100AS
35.2
14
0.100
1.28
20 VDC AT +85 °C; 13 VDC AT +125 °C
0.68
A
TP3A684(1)020(2)10R0AS
0.5
4
10.000
0.09
0.68
A
TP3A684(1)020(2)8000AS
0.5
4
8.000
0.10
1.0
A
TP3A105(1)020(2)8400AS
0.5
4
8.400
0.09
1.0
A
TP3A105(1)020(2)5500AS
0.5
4
5.500
0.12
1.5
A
TP3A155(1)020(2)6300AS
0.5
6
6.300
0.11
2.2
A
TP3A225(1)020(2)5900AS
0.5
6
5.900
0.11
2.2
A
TP3A225(1)020(2)4000AS
0.5
6
4.000
0.14
2.2
B
TP3B225(1)020(2)3500AS
0.5
6
3.500
0.16
2.2
B
TP3B225(1)020(2)1500AS
0.5
6
1.500
0.24
3.3
A
TP3A335(1)020(2)5900AS
0.7
6
5.900
0.11
3.3
A
TP3A335(1)020(2)4000AS
0.7
6
4.000
0.14
3.3
B
TP3B335(1)020(2)3000AS
0.7
6
3.000
0.17
3.3
B
TP3B335(1)020(2)1300AS
0.7
6
1.300
0.26
4.7
A
TP3A475(1)020(2)5000AS
0.9
6
5.000
0.12
4.7
A
TP3A475(1)020(2)3500AS
0.9
6
3.500
0.15
4.7
B
TP3B475(1)020(2)2900AS
0.9
6
2.900
0.17
4.7
B
TP3B475(1)020(2)1000AS
0.9
6
1.000
0.29
4.7
C
TP3C475(1)020(2)2300AS
0.9
6
2.300
0.22
4.7
C
TP3C475(1)020(2)0600AS
0.9
6
0.600
0.43
6.8
B
TP3B685(1)020(2)2500AS
1.4
6
2.500
0.18
6.8
B
TP3B685(1)020(2)1000AS
1.4
6
1.000
0.29
6.8
C
TP3C685(1)020(2)1900AS
1.4
6
1.900
0.24
6.8
C
TP3C685(1)020(2)0550AS
1.4
6
0.550
0.45
10
B
TP3B106(1)020(2)2500AS
2.0
6
2.500
0.18
10
B
TP3B106(1)020(2)2100AS
2.0
6
2.100
0.20
10
B
TP3B106(1)020(2)1000AS
2.0
6
1.000
0.29
10
C
TP3C106(1)020(2)1700AS
2.0
6
1.700
0.25
10
C
TP3C106(1)020(2)0500AS
2.0
6
0.500
0.47
10
C
TP3C106(1)020(2)0450AS
2.0
6
0.450
0.49
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Terminations and packaging codes: C, D, E, F, U, V, T, W


유사한 부품 번호 - TP3A105K025C7600AS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TP3A105 VISHAY-TP3A105 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
More results

유사한 설명 - TP3A105K025C7600AS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com