전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP720 데이터시트(PDF) 3 Page - Littelfuse

부품명 SP720
상세설명  TVS Diode Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP720 데이터시트(HTML) 3 Page - Littelfuse

  SP720 Datasheet HTML 1Page - Littelfuse SP720 Datasheet HTML 2Page - Littelfuse SP720 Datasheet HTML 3Page - Littelfuse SP720 Datasheet HTML 4Page - Littelfuse SP720 Datasheet HTML 5Page - Littelfuse SP720 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TVS Diode Arrays
235
www .littelfuse .com
5
Electronic Protection Array for ESD and Overvoltage Protection
SP720
FIGURE 2. LOW CURRENT SCR FORWARD VOLTAGE DROP
CURVE
FIGURE 3. HIGH CURRENT SCR FORWARDVOLTAGE DROP
CURVE
600
800
1000
1200
FORWARD SCR VOLTAGE DROP (mV)
100
80
60
40
20
0
TA = 25
oC
SINGLE PULSE
2.5
2
1.5
1
0.5
0
TA = 25
oC
SINGLE PULSE
VFWD
IFWD
01
2
3
FORWARD SCR VOLTAGE DROP (V)
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
FIGURE 4. TYPICAL APPLICATION OF THE SP720 AS AN INPUT CLAMP FOR OVER-VOLTAGE, GREATER THAN 1VBE ABOVE V+ OR
LESS THAN -1V BE BELOW V-
+VCC
+VCC
INPUT
DRIVERS
PROTECTION CIRCUIT
(1 OF 14 ON CHIP)
SP720 INPUT
OR
SIGNAL
SOURCES
IN 9-15
IN 1-7
SP720
V-
TO +VCC
LINEAR OR
DIGITAL IC
INTERFACE
V+


유사한 부품 번호 - SP720

제조업체부품명데이터시트상세설명
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
logo
DB Unlimited.
SP720308-1 DBUNLIMITED-SP720308-1 Datasheet
562Kb / 1P
   Released from Engineering
logo
Harris Corporation
SP720AB HARRIS-SP720AB Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
logo
Littelfuse
SP720AB LITTELFUSE-SP720AB Datasheet
102Kb / 6P
   TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
   SP720 Series 3pF 4kV Rail Clamp Array
More results

유사한 설명 - SP720

제조업체부품명데이터시트상세설명
logo
Littelfuse
SP723 LITTELFUSE-SP723 Datasheet
260Kb / 6P
   TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
   TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
   TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
   TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDSOT236-T05C BOURNS-CDSOT236-T05C_12 Datasheet
296Kb / 4P
   TVS Diode Arrays
logo
Littelfuse
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDNBS08-SMDA05-6 BOURNS-CDNBS08-SMDA05-6 Datasheet
289Kb / 4P
   Capacitance TVS Diode Arrays
logo
Littelfuse
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
   TVS Diode Arrays (SPA짰 Diodes)
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com