전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7142 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7142
상세설명  Programmable Controller for Capacitance Touch Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7142 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7142_17 Datasheet HTML 2Page - Analog Devices AD7142_17 Datasheet HTML 3Page - Analog Devices AD7142_17 Datasheet HTML 4Page - Analog Devices AD7142_17 Datasheet HTML 5Page - Analog Devices AD7142_17 Datasheet HTML 6Page - Analog Devices AD7142_17 Datasheet HTML 7Page - Analog Devices AD7142_17 Datasheet HTML 8Page - Analog Devices AD7142_17 Datasheet HTML 9Page - Analog Devices AD7142_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
AD7142
Data Sheet
Rev. B | Page 6 of 70
SPI TIMING SPECIFICATIONS (AD7142)
TA = −40°C to +85°C; VDRIVE = 1.65 V to 3.6 V; AVCC, DVCC = 2.6 V to 3.6 V, unless otherwise noted. Sample tested at 25°C to ensure
compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.6 V.
Table 4. SPI Timing Specifications
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
5
MHz max
t1
5
ns min
CS falling edge to first SCLK falling edge
t2
20
ns min
SCLK high pulse width
t3
20
ns min
SCLK low pulse width
t4
15
ns min
SDI setup time
t5
15
ns min
SDI hold time
t6
20
ns max
SDO access time after SCLK falling edge
t7
16
ns max
CS rising edge to SDO high impedance
t8
15
ns min
SCLK rising edge to CS high
CS
SCLK
SDI
SDO
t1
1
16
15
MSB
LSB
2
3
MSB
LSB
1
2
15
16
t2
t4
t5
t3
t6
t7
t8
Figure 3. SPI Detailed Timing Diagram


유사한 부품 번호 - AD7142_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

유사한 설명 - AD7142_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com