전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7147 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7147
상세설명  CapTouch Programmable Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7147 데이터시트(HTML) 5 Page - Analog Devices

  AD7147_17 Datasheet HTML 1Page - Analog Devices AD7147_17 Datasheet HTML 2Page - Analog Devices AD7147_17 Datasheet HTML 3Page - Analog Devices AD7147_17 Datasheet HTML 4Page - Analog Devices AD7147_17 Datasheet HTML 5Page - Analog Devices AD7147_17 Datasheet HTML 6Page - Analog Devices AD7147_17 Datasheet HTML 7Page - Analog Devices AD7147_17 Datasheet HTML 8Page - Analog Devices AD7147_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
AD7147
Data Sheet
SPECIFICATIONS
VCC = 2.6 V to 3.6 V, TA = −40oC to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CAPACITANCE-TO-DIGITAL CONVERTER
Update Rate
8.73
9
9.27
ms
12 conversion stages, decimation = 64
17.46
18
18.54
ms
12 conversion stages, decimation = 128
34.9
36
37.1
ms
12 conversion stages, decimation = 256
Resolution
16
Bits
CINx Input Range
±8
pF
No Missing Codes
16
Bits
Guaranteed by design, but not production
tested
CINx Input Leakage
25
nA
Maximum Output Load
20
pF
Capacitance load on CINx to ground
Total Unadjusted Error
±20
%
Output Noise (Peak-to-Peak)
12
Codes
Decimation rate = 64
7
Codes
Decimation rate = 128
3
Codes
Decimation rate = 256
Output Noise (RMS)
1.1
Codes
Decimation rate = 64
0.8
Codes
Decimation rate = 128
0.5
Codes
Decimation rate = 256
CSTRAY Offset Range
20
pF
CSTRAY Offset Resolution
0.32
pF
Low Power Mode Delay Accuracy
4
%
Percentage of 200 ms, 400 ms, 600 ms,
or 800 ms
ACSHIELD
Frequency
250
kHz
Output Voltage
0
VCC
V
Oscillating
Short-Circuit Source Current
10
mA
Short-Circuit Sink Current
10
mA
Maximum Output Load
150
pF
Capacitance load on ACSHIELD to ground
LOGIC INPUTS (SDI, SCLK, CS, SDA, GPIO)
VIH Input High Voltage
0.7 × VDRIVE
V
VIL Input Low Voltage
0.4
V
IIH Input High Current
−1
µA
VIN = VDRIVE
IIL Input Low Current
1
µA
VIN = GND
Hysteresis
150
mV
OPEN-DRAIN OUTPUTS (SCLK, SDA, INT)
VOL Output Low Voltage
0.4
V
ISINK = −1 mA
IOH Output High Leakage Current
±0.1
±1
µA
VOUT = VDRIVE
LOGIC OUTPUTS (SDO, GPIO)
VOL Output Low Voltage
0.4
V
ISINK = 1 mA, VDRIVE = 1.65 V to 3.6 V
VOH Output High Voltage
VDRIVE − 0.6
V
ISOURCE = 1 mA, VDRIVE = 1.65 V to 3.6 V
GPIO, SDO Floating State Leakage
Current
±1
µA
Pin three-state, leakage measured to
GND and VCC
POWER
VCC
2.6
3.3
3.6
V
VDRIVE
1.65
3.6
V
Serial interface operating voltage
ICC
0.9
1
mA
In full power mode, VCC + VDRIVE
15.5
21.5
µA
Low power mode, converter idle, VCC + VDRIVE,
decimation = 256
2.3
7.5
µA
Full shutdown, VCC + VDRIVE
Rev. E | Page 4 of 70


유사한 부품 번호 - AD7147_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
More results

유사한 설명 - AD7147_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com