전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7877 데이터시트(PDF) 22 Page - Analog Devices

부품명 AD7877
상세설명  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7877 데이터시트(HTML) 22 Page - Analog Devices

Back Button AD7877_17 Datasheet HTML 18Page - Analog Devices AD7877_17 Datasheet HTML 19Page - Analog Devices AD7877_17 Datasheet HTML 20Page - Analog Devices AD7877_17 Datasheet HTML 21Page - Analog Devices AD7877_17 Datasheet HTML 22Page - Analog Devices AD7877_17 Datasheet HTML 23Page - Analog Devices AD7877_17 Datasheet HTML 24Page - Analog Devices AD7877_17 Datasheet HTML 25Page - Analog Devices AD7877_17 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Data Sheet
AD7877
Rev. E | Page 21 of 45
Table 6. Codes for Selecting Input Channel and Normal or Ratiometric Conversion
Channel
SER/DFR
CHADD(3:0)
Analog Input
X Switches
Y Switches
+REF
−REF
0
0
0 0 0 0
X+ (Y position)
Off
On
Y+
Y−
1
0
0 0 0 1
Y+ (X position)
On
Off
X+
X−
2
0
0 0 1 0
Y− (Z2)
X+ off, X− on
Y+ on, Y− off
Y+
X−
3
0
0 01 1
AUX1
Off
Off
VREF
GND
4
0
0 1 00
AUX2
Off
Off
VREF
GND
5
0
0 1 0 1
AUX3
Off
Off
VREF
GND
6
0
0 1 1 0
BAT1
Off
Off
VREF
GND
7
0
0 1 1 1
BAT2
Off
Off
VREF
GND
8
0
1 0 0 0
TEMP1
Off
Off
VREF
GND
9
0
1 0 0 1
TEMP2
Off
Off
VREF
GND
10
0
1 0 1 0
X+ (Z1)
X+ OFF, X− ON
Y+ on Y− off
Y+
X−
-
0
1 0 1 1
Invalid address
-
0
1 1 0 0
Invalid address
-
0
1 1 0 1
Invalid address
-
0
1 1 1 0
Invalid address
-
0
1 1 1 1
Invalid address
0
1
0 0 0 0
X+ (Y position)
Off
On
VREF
GND
1
1
0 0 0 1
Y+ (X position)
On
Off
VREF
GND
2
1
0 0 1 0
Y− (Z2)
X+ off, X− on
Y+ on, Y− off
VREF
GND
3
1
0 0 1 1
AUX1
Off
Off
VREF
GND
4
1
0 1 0 0
AUX2
Off
Off
VREF
GND
5
1
0 1 0 1
AUX3
Off
Off
VREF
GND
6
1
0 1 1 0
BAT1
Off
Off
VREF
GND
7
1
0 1 1 1
BAT2
Off
Off
VREF
GND
8
1
1 0 0 0
TEMP1
Off
Off
VREF
GND
9
1
1 0 0 1
TEMP2
Off
Off
VREF
GND
10
1
1 0 1 0
X+ (Z1)
X+ off, X− on
Y+ on, Y− off
VREF
GND
-
1
10 1 1
Invalid address
-
1
1 1 0 0
Invalid address
-
1
1 1 0 1
Invalid address
-
1
1 1 1 0
Invalid address
-
1
1 1 1 1
Invalid address
CONTROL REGISTER 2
Timer (Control Register 2, Bits[1:0])
The TMR bits in Control Register 2 enable the ADC to
repeatedly perform a conversion or conversion sequence either
once only or at intervals of 512 μs, 1.024 ms, or 8.19 ms. In slave
mode, the timer starts as soon as the conversion sequence is
finished. In master mode, the timer starts at the end of a conversion
sequence only if the screen remains touched. If the touch is
released at any stage, then the timer stops and, the next time the
screen is touched, a conversion sequence begins immediately.
Table 7. Control Register 2 Timer Selection
TMR1
TMR0
Function
0
0
Convert only once (default)
0
1
Every 1024 clocks (512 μs)
1
0
Every 2048 clocks (1.024 ms)
1
1
Every 16,384 clocks (8.19 ms)
Int/Ext Reference (Control Register 2, Bit[2])
If the REF bit in Control Register 2 is 0 (default value), the
internal reference is selected. Buffer any connection made to
VREF while the internal reference is selected (for example, to
supply a reference to other circuits). An external power supply
should not be connected to this pin while REF is equal to 0,
because it might overdrive the internal reference. Because the
internal reference is 2.5 V, it operates only with supply voltages
down to 2.7 V. Below this value, use an external reference.
If the REF bit is 1, the VREF pin becomes an input and the
internal reference is powered down. This overrides any setting
of the PM bits with regard to the reference. An external
reference can then be applied to the REF pin.


유사한 부품 번호 - AD7877_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7877 AD-AD7877_15 Datasheet
843Kb / 45P
   Touch Screen Controller
REV. D
More results

유사한 설명 - AD7877_17

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com