전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7889 데이터시트(PDF) 37 Page - Analog Devices

부품명 AD7889
상세설명  Low Voltage Controller for Touch Screens
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7889 데이터시트(HTML) 37 Page - Analog Devices

Back Button AD7889 Datasheet HTML 32Page - Analog Devices AD7889 Datasheet HTML 33Page - Analog Devices AD7889 Datasheet HTML 34Page - Analog Devices AD7889 Datasheet HTML 35Page - Analog Devices AD7889 Datasheet HTML 36Page - Analog Devices AD7889 Datasheet HTML 37Page - Analog Devices AD7889 Datasheet HTML 38Page - Analog Devices AD7889 Datasheet HTML 39Page - Analog Devices AD7889 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 37 of 40
NOTES
1. A START CONDITION AT THE BEGINNING IS DEFINED AS A HIGH-TO-LOW TRANSITION ON SDA WHILE SCL REMAINS HIGH.
2. A STOP CONDITION AT THE END IS DEFINED AS A LOW-TO-HIGH TRANSITION ON SDA WHILE SCL REMAINS HIGH.
3. THE MASTER GENERATES THE ACK AT THE END OF THE READBACK TO SIGNAL THAT IT DOES NOT WANT ADDITIONAL DATA.
4. 7-BIT DEVICE ADDRESS [DEV A6:DEV A0] = [01011XX], WHERE THE TWO LSB Xs ARE DON'T CARE BITS.
5. REGISTER DATA [D15:D8] AND REGISTER DATA [D7:D0] ARE ALWAYS SEPARATED BY A LOW ACK BIT.
6. THE R/W BIT IS SET TO 1 TO INDICATE A READBACK OPERATION.
SDA
DEV
A6
DEV
A5
DEV
A4
R/W
SCL
DEV
A3
12
34
17
18
DEV
A2
DEV
A1
DEV
A0
ACK
A7
A6
11
16
5
678
910
START
AD7879-1/AD7889-1
DEVICE ADDRESS
A1
A0
REGISTER ADDRESS[A7:A0]
ACK
26
19
21
25
28
27
35
29
36
D1
D0
D7
D6
REGISTER DATA[D7:D0]
SR
ACK
37
P
DEV
A6
DEV
A5
DEV
A4
1
23
t2
AD7879-1/AD7889-1
DEVICE ADDRESS
AD7879-1/AD7889-1
DEVICE ADDRESS
DEV
A6
DEV
A5
DEV
A1
DEV
A0
R/W
20
30
26
19
21
25
28
27
35
29
36
D1
D0
D7
D6
REGISTER DATA[D7:D0]
S
ACK
37
P
AD7879-1/AD7889-1
DEVICE ADDRESS
DEV
A6
DEV
A5
DEV
A1
DEV
A0
R/W
20
30
P
USING
REPEATED
START
SEPARATE
READ AND
WRITE
TRANSACTIONS
ACK
ACK
t1
t3
t4
t
4
t
5
t5
t6
t8
t7
Figure 44. Example of I2C Timing for Single Register Readback Operation
7-BIT DEVICE
ADDRESS
7-BIT DEVICE
ADDRESS
REGISTER ADDR
[7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
W
SP
S
R
P
. . .
READ (WRITE TRANSACTION SETS UP REGISTER ADDRESS)
7-BIT DEVICE
ADDRESS
7-BIT DEVICE
ADDRESS
REGISTER ADDR
[7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
W
SR
P
. . .
READ (USING REPEATED START)
S 7-BIT DEVICE
ADDRESS
REGISTER ADDR
[7:0]
WRITE DATA
HIGH BYTE [15:8]
WRITE DATA
LOW BYTE [7:0]
WRITE DATA
HIGH BYTE [15:8]
WRITE DATA
LOW BYTE [7:0]
W
P
. . .
WRITE
OUTPUT FROM MASTER
OUTPUT FROM
AD7879-1/AD7889-1
S = START BIT
P = STOP BIT
SR = REPEATED START BIT
R = READ BIT
W = WRITE BIT
ACK = ACKNOWLEDGE BIT
ACK = NO ACKNOWLEDGE BIT
Figure 45. Example of Sequential I2C Write and Readback Operation


유사한 부품 번호 - AD7889

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7889ACBZ-RL AD-AD7889ACBZ-RL Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
More results

유사한 설명 - AD7889

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879 AD-AD7879_17 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com