전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD73322 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD73322
상세설명  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD73322 데이터시트(HTML) 1 Page - Analog Devices

  AD73322_17 Datasheet HTML 1Page - Analog Devices AD73322_17 Datasheet HTML 2Page - Analog Devices AD73322_17 Datasheet HTML 3Page - Analog Devices AD73322_17 Datasheet HTML 4Page - Analog Devices AD73322_17 Datasheet HTML 5Page - Analog Devices AD73322_17 Datasheet HTML 6Page - Analog Devices AD73322_17 Datasheet HTML 7Page - Analog Devices AD73322_17 Datasheet HTML 8Page - Analog Devices AD73322_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
AD73322
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
a
Low Cost, Low Power CMOS
General-Purpose Dual Analog Front End
FEATURES
Two 16-Bit A/D Converters
Two 16-Bit D/A Converters
Programmable Input/Output Sample Rates
78 dB ADC SNR
77 dB DAC SNR
64 kS/s Maximum Sample Rate
–90 dB Crosstalk
Low Group Delay (25
s Typ per ADC Channel,
50
s Typ per DAC Channel)
Programmable Input/Output Gain
Flexible Serial Port which Allows Up to Four Dual
Codecs to be Connected in Cascade Giving Eight
I/O Channels
Single (+2.7 V to +5.5 V) Supply Operation
73 mW Typ Power Consumption at 3.0 V
On-Chip Reference
28-Lead SOIC and 44-Lead LQFP Packages
APPLICATIONS
General Purpose Analog I/O
Speech Processing
Cordless and Personal Communications
Telephony
Active Control of Sound and Vibration
Data Communications
Wireless Local Loop
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD73322 is a dual front-end processor for general-purpose
applications including speech and telephony. It features two
16-bit A/D conversion channels and two 16-bit D/A conversion
channels. Each channel provides 77 dB signal-to-noise ratio
over a voiceband signal bandwidth. It also features an input-to-
output gain network in both the analog and digital domains.
This is featured on both codecs and can be used for impedance
matching or scaling when interfacing to Subscriber Line Inter-
face Circuits (SLICs).
The AD73322 is particularly suitable for a variety of applica-
tions in the speech and telephony area, including low bit rate,
high quality compression, speech enhancement, recognition, and
synthesis. The low group delay characteristic of the part makes
it suitable for single or multichannel active control applications.
The A/D and D/A conversion channels feature programmable
input/output gains with ranges of 38 dB and 21 dB respectively.
An on-chip reference voltage is included to allow single-supply
operation. This reference is programmable to accommodate
either 3 V or 5 V operation.
The sampling rate of the codecs is programmable with four
separate settings, offering 64 kHz, 32 kHz, 16 kHz and 8 kHz
sampling rates (from a master clock of 16.384 MHz).
A serial port (SPORT) allows easy interfacing of single or cas-
caded devices to industry standard DSP engines. The SPORT
transfer rate is programmable to allow interfacing to both fast
and slow DSP engines.
The AD73322 is available in 28-lead SOIC and 44-lead LQFP
packages.
REFCAP
SDOFS
ADC CHANNEL 1
REFERENCE
DAC CHANNEL 1
ADC CHANNEL 2
DAC CHANNEL 2
SPORT
AVDD1 AVDD2
DVDD
REFOUT
VFBP1
VINP1
VINN1
VFBN1
VOUTP1
VOUTN1
VFBP2
VINP2
VINN2
VFBN2
VOUTP2
VOUTN2
AGND1
AGND2
DGND
SDO
MCLK
RESET
SE
SCLK
SDIFS
SDI
AD73322


유사한 부품 번호 - AD73322_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results

유사한 설명 - AD73322_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com