전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD73322L 데이터시트(PDF) 32 Page - Analog Devices

부품명 AD73322L
상세설명  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD73322L 데이터시트(HTML) 32 Page - Analog Devices

Back Button AD73322L_17 Datasheet HTML 28Page - Analog Devices AD73322L_17 Datasheet HTML 29Page - Analog Devices AD73322L_17 Datasheet HTML 30Page - Analog Devices AD73322L_17 Datasheet HTML 31Page - Analog Devices AD73322L_17 Datasheet HTML 32Page - Analog Devices AD73322L_17 Datasheet HTML 33Page - Analog Devices AD73322L_17 Datasheet HTML 34Page - Analog Devices AD73322L_17 Datasheet HTML 35Page - Analog Devices AD73322L_17 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
AD73322L
Rev. A | Page 31 of 48
Because the AD73322L can be operated at 8 kHz (see Figure 31)
or 16 kHz sampling rates, which make it particularly suited for
voice-band processing, the user must understand the action of
the interpolator’s sinc3 response. As was the case with the
encoder section, if the output signal’s frequency response is not
bounded by the Nyquist frequency, it may be necessary to
perform some initial digital filtering to eliminate signal energy
above Nyquist to ensure that it is not imaged at the integer
multiples of the sampling frequency. If the user chooses to
bypass the interpolator, perhaps to reduce group delay, images
of the original signal are generated at integer intervals of the
sampling frequency. In this case these images must be removed
by external analog filtering.
FREQUENCY (Hz)
4000
0
500
1000
1500
2000
2500
3000
3500
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
Figure 31. FFT (DAC 8 kHz Sampling)
Figure 32 shows the output spectrum of a 1 kHz tone generated
at an 8 kHz sampling rate with the interpolator bypassed.
FREQUENCY (Hz)
×104
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
–10
–30
–20
–40
–50
–70
–60
–90
–80
–100
Figure 32. FFT (DAC 8 kHz Sampling—Interpolator Bypassed)
ON-CHIP FILTERING
The primary function of the system filtering’s sinc-cubed
(Sinc3) response is to eliminate aliases or images of the ADCs
or DAC’s resampling, respectively. Both modulators are sampled
at a nominal rate of DMCLK/8 (which is 2.048 MHz for a
DMCLK of 16.384 MHz), and the simple, external RC antialias
filter is sufficient to provide the required stop-band rejection
above the Nyquist frequency for this sample rate. In the case of
the ADC section, the decimating filter is required to both
decrease sample rate and increase sample resolution. The
process of changing sample rate (resampling) leads to aliases of
the original sampled waveform appearing at integer multiples of
the new sample rate. These aliases would get mapped into the
required signal pass band without the application of some
further antialias filtering. In the AD73322L, the sinc-cubed
response of the decimating filter creates spectral nulls at integer
multiples of the new sample rate. These nulls coincide with the
aliases of the original waveform, which were created by the
down-sampling process, therefore reducing or eliminating the
aliasing due to sample rate reduction.
In the DAC section, increasing the sampling rate by
interpolation creates images of the original waveform at
intervals of the original sampling frequency. These images may
be sufficiently rejected by external circuitry but the sinc-cubed
filter in the interpolator again nulls the output spectrum at
integer intervals of the original sampling rate, which
corresponds with the images due to the interpolation process.
The spectral response of a sinc-cubed filter shows the charac-
teristic nulls at integer intervals of the sampling frequency. Its
pass-band characteristic (up to Nyquist frequency) features a
roll-off that continues up to the sampling frequency, where the
first null occurs. In many applications this smooth response
does not give sufficient attenuation of frequencies outside the
band of interest; therefore, it may be necessary to implement a
final filter in the DSP to equalize the pass-band roll-off and
provide a sharper transition band and greater stop-band
attenuation.
DECODER GROUP DELAY
The interpolator roll-off is mainly due to its sinc-cubed
function characteristic, which has an inherent group delay given
by the equation
Group Delay (Interpolator) = Order × (L − 1)/2) × TINT
where:
Order is the interpolator order (= 3).
L is the interpolation factor (= 32 @ 64 kHz, = 64 @ 32 kHz,
= 128 @ 16 kHz, = 256 @ 8 kHz).
TINT is the interpolation sample interval (= 1/2.048e6).
Consider a second example:
Group Delay (Interpolator @ 64 kHz) = 3 × (32 − 1)/2 ×
(1/2.048e6) = 22.7 µs
The analog section has a group delay of approximately 25 µs.


유사한 부품 번호 - AD73322L_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
More results

유사한 설명 - AD73322L_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com