전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LGT679 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LGT679
상세설명  Optical Indicator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGT679 데이터시트(HTML) 1 Page - OSRAM GmbH

  LGT679 Datasheet HTML 1Page - OSRAM GmbH LGT679 Datasheet HTML 2Page - OSRAM GmbH LGT679 Datasheet HTML 3Page - OSRAM GmbH LGT679 Datasheet HTML 4Page - OSRAM GmbH LGT679 Datasheet HTML 5Page - OSRAM GmbH LGT679 Datasheet HTML 6Page - OSRAM GmbH LGT679 Datasheet HTML 7Page - OSRAM GmbH LGT679 Datasheet HTML 8Page - OSRAM GmbH LGT679 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-06-19
1
2013-06-19
TOPLED
Datasheet
Version 1.0 (Replacement in due course)
LG T679
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage,ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
• Technology: GaAsP
• Technologie: GaAsP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: green (570 nm)
• Farbe: grün (570 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Coupling into Light Guides
• Einkopplung in Lichtleiter
• Automotive Interior Lighting
• Automobilbeleuchtung innen


유사한 부품 번호 - LGT679

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
LGT679-CO SIEMENS-LGT679-CO Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
More results

유사한 설명 - LGT679

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
   Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
   Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
   Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
   Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
   Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
   Optical Indicator
logo
Everlight Electronics C...
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
   Optical indicator.
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
   Optical indicator
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
   Optical indicator
logo
OSRAM GmbH
LGT670 OSRAM-LGT670 Datasheet
442Kb / 19P
   Optical Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com