전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G07A 데이터시트(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

부품명 G07A
상세설명  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

G07A 데이터시트(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  G07A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd G07A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
S-S039
Rev. 1.1, 28-Apr-14
www.21yangjie.com
G07A THRU G07M
硅整流二极管 General Purpose Rectifier
■特征 Features
■外形尺寸和印记
Outline Dimensions and Mark
Io
0.7A
VRRM
50V~1000V
玻璃钝化芯片
Glass passivated chip
耐正向浪涌电流能力高
High surge forward current capability
■用途 Applications
作一般电源单相整流
For general power supply
single-phase rectifier
■极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
G07
A
B
D
G
J
K
M
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
50
100 200 400 600 800 1000
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz单向半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
0.7
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
25
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55 ~+150
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=0.7A
1.1
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM , Ta=25℃
5
热阻
Thermal Resistance
RθJ-L
℃/W
结和引线之间
Between junction and lead
20
Dimensions in inches and (millimeters)
SOD-123FL
.047(1.20)
.039(1.00)
.010(0.25)
.004(0.10)
.043(1.10)
.035(0.90)
.075(1.90)
.063(1.60)
.002(0.05)
.001(0.02)
COMPLIANT
RoHS


유사한 부품 번호 - G07A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G070Y2-L01 ETC1-G070Y2-L01 Datasheet
520Kb / 30P
   GENERAL DESCRIPTION ABSOLUTE MAXIMUM RATINGS
G07BA ETC1-G07BA Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G07BB ETC1-G07BB Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G07BC ETC1-G07BC Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
G07BE ETC1-G07BE Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
More results

유사한 설명 - G07A

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com