전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM43-1021-35-1005 데이터시트(PDF) 3 Page - Willow Technologies Ltd

부품명 DM43-1021-35-1005
상세설명  pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLOW [Willow Technologies Ltd]
홈페이지  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM43-1021-35-1005 데이터시트(HTML) 3 Page - Willow Technologies Ltd

  DM43-1021-35-1005 Datasheet HTML 1Page - Willow Technologies Ltd DM43-1021-35-1005 Datasheet HTML 2Page - Willow Technologies Ltd DM43-1021-35-1005 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DM43
pcb power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Coil Temperature Rise
Coil Power (W)
60
50
40
30
20
10
0
0.2
0.4
0.6
0.8
Operate / Release Time
Coil Power (W)
Operate Time
Release Time
0.2
0.4
0.6
0.8
12
10
8
6
4
2
0
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm
Reference Curves
Fig. 3
Specifications are subject to change without notice. E&OE.
Ref: DM43 020817JHM
5.0
5.0


유사한 부품 번호 - DM43-1021-35-1005

제조업체부품명데이터시트상세설명
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
logo
DANFOSS POWER SOLUTIONS
DM430E DANFOSS-DM430E Datasheet
300Kb / 4P
   PLUS1® Mobile Machine Displays DM430E Series
January 2020
DM430E-0-0-0-0 DANFOSS-DM430E-0-0-0-0 Datasheet
300Kb / 4P
   PLUS1® Mobile Machine Displays DM430E Series
January 2020
DM430E-0-0-0-1 DANFOSS-DM430E-0-0-0-1 Datasheet
300Kb / 4P
   PLUS1® Mobile Machine Displays DM430E Series
January 2020
DM430E-0-0-1-0 DANFOSS-DM430E-0-0-1-0 Datasheet
300Kb / 4P
   PLUS1® Mobile Machine Displays DM430E Series
January 2020
More results

유사한 설명 - DM43-1021-35-1005

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com