전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7314 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7314
상세설명  10-Bit Digital Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7314 데이터시트(HTML) 3 Page - Analog Devices

  AD7314_17 Datasheet HTML 1Page - Analog Devices AD7314_17 Datasheet HTML 2Page - Analog Devices AD7314_17 Datasheet HTML 3Page - Analog Devices AD7314_17 Datasheet HTML 4Page - Analog Devices AD7314_17 Datasheet HTML 5Page - Analog Devices AD7314_17 Datasheet HTML 6Page - Analog Devices AD7314_17 Datasheet HTML 7Page - Analog Devices AD7314_17 Datasheet HTML 8Page - Analog Devices AD7314_17 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REV. A
–2–
AD7314–SPECIFICATIONS*(T
A = TMIN to TMAX, VDD = 2.65 V to 5.5 V, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy
±2.0
∞CTA = –35∞C to +85∞C. VDD = 2.65 V to 2.9 V
±1.0
∞CTA = –35∞C to +85∞C. VDD = 3 V to 5.5 V
Resolution
10
Bits
Update Rate, tR
400
ms
Temperature Conversion Time
25
ms
SUPPLIES
Supply Voltage
2.65
5.5
V
For Specified Performance
Supply Current
Normal Mode (Inactive)
250
300
mA
Part Not Converting, VDD = 2.65 V to 2.9 V
275
mA
Part Not Converting, VDD = 3 V to 5.5 V
Normal Mode (Active)
1
mA
Part Converting, VDD = 2.65 V to 2.9 V
1.2
mA
Part Converting, VDD = 3 V to 5.5 V
Shutdown Mode
1
mAVDD = 2.65 V to 2.9 V
1
mAVDD = 3 V to 5.5 V
Power Dissipation
860
mWVDD = 2.65 V. Using Normal Mode
(Auto Conversion)
Power Dissipation
VDD = 2.65 V. Using Shutdown Mode
1 SPS
3
mW
10 SPS
3.3
mW
100 SPS
6
mW
DIGITAL INPUT
Input High Voltage, VIH
1.85
V
VDD = 2.65 V to 2.9 V
Input Low Voltage, VIL
0.53
V
VDD = 2.65 V to 2.9 V
Input High Voltage, VIH
2.4
V
VDD = 3 V to 5.5 V
Input Low Voltage, VIL
0.8
V
VDD = 3 V to 5.5 V
Input Current, IIN
±1
mAVIN = 0 V to VDD
Input Capacitance, CIN
10
pF
All Digital Inputs
DIGITAL OUTPUT
Output High Voltage, VOH
2.4
V
ISOURCE = ISINK = 200
mA
Output Low Voltage, VOL
0.4
V
IOL = 200
mA
Output Capacitance, COUT
50
pF
*All specifications apply for –35
∞C to +85∞C, unless otherwise noted.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2
Parameter
Limit
Unit
Comments
t1
0
ns min
CE to SCLK Setup Time
t2
50
ns min
SCLK High Pulse Width
t3
50
ns min
SCLK Low Pulse Width
t4
4
35
ns max
Data Access Time after SCLK Rising Edge
t5
20
ns min
Data Setup Time prior to SCLK Falling Edge
t6
0
ns min
Data Hold Time after SCLK Falling Edge
t7
0
ns min
CE to SCLK Hold Time
t8
4
40
ns max
CE to SDO High Impedance
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and are timed from a voltage level of 1.6 V.
3All specifications apply for –35
∞C to +85∞C, unless otherwise noted.
4Measured with the load circuit of Figure 2.
Specifications subject to change without notice.
(TA
3 = T
MIN to TMAX, VDD = 2.65 V to 5.5 V, unless otherwise noted. See Figure 1.)


유사한 부품 번호 - AD7314_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7314 AD-AD7314_15 Datasheet
176Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
More results

유사한 설명 - AD7314_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Analog Devices
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com