전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55B56 데이터시트(PDF) 5 Page - Yangzhou yangjie electronic co., ltd

부품명 BZX55B56
상세설명  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BZX55B56 데이터시트(HTML) 5 Page - Yangzhou yangjie electronic co., ltd

  BZX55B56 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BZX55B56 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BZX55B56 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BZX55B56 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd BZX55B56 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0242
Rev. 1.0, 22-Sep-11
BZX55 SERIES
■特性曲线(典型) Characteristics(Typical)
0
16
0
Vz(V)
7:齐纳电流与齐纳电压的关系
FIG7: Z-Current vs. Z-Voltage
100
8
412
80
60
40
20
20
Ptot=500mW
Tamb=25℃
15
35
0
Vz(V)
8:齐纳电流与齐纳电压的关系
FIG8: Z-Current vs. Z-Voltage
50
25
20
30
40
30
20
10
Ptot=500mW
Tamb=25℃
025
1
Vz(V)
9:不同齐纳阻抗与齐纳电压的关系
FIG9:Differential Z-Resistance vs. Z-Voltage
1000
10
100
510
15
20
Tj=25℃
5mA
10mA
Iz=1mA


유사한 부품 번호 - BZX55B56

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55B56 VISHAY-BZX55B56 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B56 NJSEMI-BZX55B56 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B56 VISHAY-BZX55B56 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B56 TSC-BZX55B56 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B56 EIC-BZX55B56 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

유사한 설명 - BZX55B56

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com