전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55B62 데이터시트(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

부품명 BZX55B62
상세설명  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BZX55B62 데이터시트(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  BZX55B62 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BZX55B62 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BZX55B62 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BZX55B62 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd BZX55B62 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0242
Rev. 1.0, 22-Sep-11
BZX55 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25℃ unless otherwise noted)
BZX55B..
齐纳电压范围
Zener voltage
range
动态电阻
Dynamic resistance
测试电流
Test current
温度系数
Temperature
Coefficient
测试电流
Test current
反向漏电流
Reverse leakage current
VZ at IZT
RZJT at IZT
f = 1 KHZ
RZJK at IZK
f = 1 KHZ
IZT
TKVZ
IZK
IR at
Tamb=25℃
IR at
Tamb=150℃
at VR
V
mA
%
/K
mA
μA
V
产品型号
Part Number
Min.
Max.
Min.
Max.
BZX55B2V7
2.64
2.76
< 85
< 600
5
- 0.09
- 0.06
1
< 10
< 50
1
BZX55B3V0
2.94
3.06
< 90
< 600
5
- 0.08
- 0.05
1
< 4
< 40
1
BZX55B3V3
3.24
3.36
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55B3V6
3.52
3.68
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55B3V9
3.82
3.98
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55B4V3
4.22
4.38
< 90
< 600
5
- 0.06
- 0.03
1
< 1
< 20
1
BZX55B4V7
4.6
4.8
< 80
< 600
5
- 0.05
0.02
1
< 0.5
< 10
1
BZX55B5V1
5
5.2
< 60
< 550
5
- 0.02
0.02
1
< 0.1
< 2
1
BZX55B5V6
5.48
5.72
< 40
< 450
5
- 0.05
0.05
1
< 0.1
< 2
1
BZX55B6V2
6.08
6.32
< 10
< 200
5
0.03
0.06
1
< 0.1
< 2
2
BZX55B6V8
6.66
6.94
< 8
< 150
5
0.03
0.07
1
< 0.1
< 2
3
BZX55B7V5
7.35
7.65
< 7
< 50
5
0.03
0.07
1
< 0.1
< 2
5
BZX55B8V2
8.04
8.36
< 7
< 50
5
0.03
0.08
1
< 0.1
< 2
6.2
BZX55B9V1
8.92
9.28
< 10
< 50
5
0.03
0.09
1
< 0.1
< 2
6.8
BZX55B10
9.8
10.2
< 15
< 70
5
0.03
0.1
1
< 0.1
< 2
7.5
BZX55B11
10.78
11.22
< 20
< 70
5
0.03
0.11
1
< 0.1
< 2
8.2
BZX55B12
11.76
12.24
< 20
< 90
5
0.03
0.11
1
< 0.1
< 2
9.1
BZX55B13
12.74
13.26
< 26
< 110
5
0.03
0.11
1
< 0.1
< 2
10
BZX55B15
14.7
15.3
< 30
< 110
5
0.03
0.11
1
< 0.1
< 2
11
BZX55B16
15.7
16.3
< 40
< 170
5
0.03
0.11
1
< 0.1
< 2
12
BZX55B18
17.64
18.36
< 50
< 170
5
0.03
0.11
1
< 0.1
< 2
13
BZX55B20
19.6
20.4
< 55
< 220
5
0.03
0.11
1
< 0.1
< 2
15
BZX55B22
21.55
22.45
< 55
< 220
5
0.04
0.12
1
< 0.1
< 2
16
BZX55B24
23.5
24.5
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
18
BZX55B27
26.4
27.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
20
BZX55B30
29.4
30.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
22
BZX55B33
32.4
33.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
24
BZX55B36
35.3
36.7
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
27
BZX55B39
38.2
39.8
< 90
< 500
2.5
0.04
0.12
0.5
< 0.1
< 5
30
BZX55B43
42.1
43.9
< 90
< 600
2.5
0.04
0.12
0.5
< 0.1
< 5
33
BZX55B47
46.1
47.9
< 110
< 700
2.5
0.04
0.12
0.5
< 0.1
< 5
36
BZX55B51
50
52
< 125
< 700
2.5
0.04
0.12
0.5
< 0.1
< 10
39
BZX55B56
54.9
57.1
< 135
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
43
BZX55B62
60.8
63.2
< 150
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
47
BZX55B68
66.6
69.4
< 200
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
51
BZX55B75
73
76.5
< 250
< 1500
2.5
0.04
0.12
0.5
< 0.1
< 10
56


유사한 부품 번호 - BZX55B62

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55B62 VISHAY-BZX55B62 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B62 NJSEMI-BZX55B62 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B62 VISHAY-BZX55B62 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B62 TSC-BZX55B62 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B62 EIC-BZX55B62 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

유사한 설명 - BZX55B62

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com