전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA28C 데이터시트(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

부품명 SA28C
상세설명  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA28C 데이터시트(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SA28C Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA28C Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA28C Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA28C Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SA28C Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-A143
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SA SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
产品型号
(单向)
Part
Number(U
ni)
产品型号
(双向)
Part
Number(Bi)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
IR
Maximum
Reverse
Leakage IR @
VWM (μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最大温度系数
Maximum
Temperature
Coefficient of VBR
(%/°C)
最小
Min(V)
最大
Max (V)
测试电流
IT(mA)
SA5.0
SA5.0C
6.40
7.30
10
600
5.0
52.1
9.6
5.0
SA5.0A
SA5.0CA
6.4
7.07
10
600
5.0
54.3
9.2
5.0
SA6.0
SA6.0C
6.67
8.15
10
600
6.0
43.9
11.4
5.0
SA6.0A
SA6.0CA
6.67
7.37
10
600
6.0
48.5
10.3
5.0
SA6.5
SA6.5C
7.22
8.82
10
400
6.5
40.7
12.3
5.0
SA6.5A
SA6.5CA
7.22
7.98
10
400
6.5
44.7
11.2
5.0
SA7.0
SA7.0C
7.78
9.51
10
150
7.0
37.6
13.3
6.0
SA7.0A
SA7.0CA
7.78
8.60
10
150
7.0
41.7
12.0
6.0
SA7.5
SA7.5C
8.33
10.2
1.0
50
7.5
35.0
14.3
7.0
SA7.5A
SA7.5CA
8.33
9.21
1.0
50
7.5
38.8
12.9
7.0
SA8.0
SA8.0C
8.89
10.9
1.0
25
8.0
33.3
15.0
7.0
SA8.0A
SA8.0CA
8.89
9.83
1.0
25
8.0
36.8
13.6
7.0
SA8.5
SA8.5C
9.44
11.5
1.0
5.0
8.5
31.4
15.9
8.0
SA8.5A
SA8.5CA
9.44
10.4
1.0
5.0
8.5
34.7
14.4
8.0
SA9.0
SA9.0C
10.0
12.2
1.0
5.0
9.0
29.6
16.9
9.0
SA9.0A
SA9.0CA
10.0
11.1
1.0
5.0
9.0
32.5
15.4
9.0
SA10
SA10C
11.1
13.6
1.0
5.0
10
26.6
18.8
10
SA10A
SA10CA
11.1
12.3
1.0
5.0
10
29.4
17.0
10
SA11
SA11C
12.2
14.9
1.0
5.0
11
24.9
20.1
11
SA11A
SA11CA
12.2
13.5
1.0
5.0
11
27.5
18.2
11
SA12
SA12C
13.3
16.3
1.0
5.0
12
22.7
22.0
12
SA12A
SA12CA
13.3
14.7
1.0
5.0
12
25.1
19.9
12
SA13
SA13C
14.4
17.6
1.0
5.0
13
21.0
23.8
13
SA13A
SA13CA
14.4
15.9
1.0
5.0
13
23.3
21.5
13
SA14
SA14C
15.6
19.1
1.0
5.0
14
19.4
25.8
14
SA14A
SA14CA
15.6
17.2
1.0
5.0
14
21.6
23.2
14
SA15
SA15C
16.7
20.4
1.0
5.0
15
18.6
26.9
16
SA15A
SA15CA
16.7
18.5
1.0
5.0
15
20.5
24.4
16
SA16
SA16C
17.8
21.8
1.0
5.0
16
17.4
28.8
19
SA16A
SA16CA
17.8
19.7
1.0
5.0
16
19.2
26.0
17
SA17
SA17C
18.9
23.1
1.0
5.0
17
16.4
30.5
20
SA17A
SA17CA
18.9
20.9
1.0
5.0
17
18.1
27.6
19
SA18
SA18C
20.0
24.4
1.0
5.0
18
15.5
32.2
21
SA18A
SA18CA
20.0
22.1
1.0
5.0
18
17.1
29.2
20
SA19
SA19C
21.13
25.76
1.0
5.0
19.0
14.7
34.0
23
SA19A
SA19CA
21.1
23.3
1.0
5.0
19.0
16.24
30.8
21
SA20
SA20C
22.2
27.1
1.0
5.0
20
14.0
35.8
25


유사한 부품 번호 - SA28C

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA28C PANJIT-SA28C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Anova Technologies CO.,...
SA28C ANOVA-SA28C Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Won-Top Electronics
SA28C WTE-SA28C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
RFE international
SA28C RFE-SA28C Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Micro Commercial Compon...
SA28C MCC-SA28C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

유사한 설명 - SA28C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com