전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4759A 데이터시트(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

부품명 1N4759A
상세설명  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N4759A 데이터시트(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  1N4759A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N4759A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N4759A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-A004
Rev.1.2, 28-Apr-14
1N47 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
产品型号
Part
Number
额定齐纳电压
Nominal Zener
voltage
1)
测试电流
Test
current
最大动态电阻
Maximum dynamic impedance
最大反向漏电流
Maximum reverse leakage current
浪涌电流
Surge current
3)
最大调整电流
Maximum
regulator current
2)
VZ at IZT
IZT
ZZT at IZT
ZZK at IZK
IZK
IR
Test voltage VR
at TA=25℃ IR
IZM
V
mA
Ω
Ω
mA
μ
A
V
mA
mA
1N4728A
3.3
76
10
400
1
100
1
1380
276
1N4729A
3.6
69
10
400
1
100
1
1260
252
1N4730A
3.9
64
9
400
1
50
1
1190
234
1N4731A
4.3
58
9
400
1
10
1
1070
217
1N4732A
4.7
53
8
500
1
10
1
970
193
1N4733A
5.1
49
7
550
1
10
1
890
178
1N4734A
5.6
45
5
600
1
10
2
810
162
1N4735A
6.2
41
2
700
1
10
3
730
146
1N4736A
6.8
37
3.5
700
1
10
4
660
133
1N4737A
7.5
34
4
700
0.5
10
5
605
121
1N4738A
8.2
31
4.5
700
0.5
10
6
550
110
1N4739A
9.1
28
5
700
0.5
10
7
500
100
1N4740A
10
25
7
700
0.25
10
7.6
454
91
1N4741A
11
23
8
700
0.25
5
8.4
414
83
1N4742A
12
21
9
700
0.25
5
9.1
380
76
1N4743A
13
19
10
700
0.25
5
9.9
344
69
1N4744A
15
17
14
700
0.25
5
11.4
304
61
1N4745A
16
15.5
16
700
0.25
5
12.2
285
57
1N4746A
18
14
20
750
0.25
5
13.7
250
50
1N4747A
20
12.5
22
750
0.25
5
15.2
225
45
1N4748A
22
11.5
23
750
0.25
5
16.7
205
41
1N4749A
24
10.5
25
750
0.25
5
18.2
190
38
1N4750A
27
9.5
35
750
0.25
5
20.6
170
34
1N4751A
30
8.5
40
1000
0.25
5
22.8
150
30
1N4752A
33
7.5
45
1000
0.25
5
25.1
135
27
1N4753A
36
7
50
1000
0.25
5
27.4
125
25
1N4754A
39
6.5
60
1000
0.25
5
29.7
115
23
1N4755A
43
6
70
1500
0.25
5
32.7
110
22
1N4756A
47
5.5
80
1500
0.25
5
35.8
95
19
1N4757A
51
5
95
1500
0.25
5
38.8
90
18
1N4758A
56
4.5
110
2000
0.25
5
42.6
80
16
1N4759A
62
4
125
2000
0.25
5
47.1
70
14
1N4760A
68
3.7
150
2000
0.25
5
51.7
65
13
1N4761A
75
3.3
175
2000
0.25
5
56
60
12
1N4762A
82
3.0
200
3000
0.25
5
62.2
55
11
1N4763A
91
2.8
250
3000
0.25
5
69.2
50
10
1N4764A
100
2.5
350
3000
0.25
5
76.0
45
9
备注:Notes:
1) 基于直流测试热平衡的同时保持引线的温度在30℃+ 1℃,距离二极体本体距离为9.5毫米(3/ 8")
Based on dc-measurement at thermal equilibrium while maintaining the lead temperature (TL) at 30℃+1℃, 9.5 mm (3/8")
from the diode body
2) 距离管体4毫米引线处的温度设定为环境温度
Valid provided that electrodes at a distance of 4 mm from case are kept at ambient temperature
3) tp = 10 ms
4) 型号后面”A”标识电压±5%精度
A means standard Vz tolerance is ±5%


유사한 부품 번호 - 1N4759A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4759A VISHAY-1N4759A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Nanjing International G...
1N4759A DGNJDZ-1N4759A Datasheet
134Kb / 4P
   Silicon Planar Power Zener Diodes
logo
Taiwan Semiconductor Co...
1N4759A TSC-1N4759A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
List of Unclassifed Man...
1N4759A ETC-1N4759A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Anova Technologies CO.,...
1N4759A ANOVA-1N4759A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
More results

유사한 설명 - 1N4759A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com