전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE1952 데이터시트(PDF) 2 Page - NTE Electronics

부품명 NTE1952
상세설명  Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 8V, 1A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1952 데이터시트(HTML) 2 Page - NTE Electronics

  NTE1952 Datasheet HTML 1Page - NTE Electronics NTE1952 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (VIN = 13V, IO = 1A, COUT = 22µF, CO = 0.1µF, TJ = +25°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
5mA
≤ IO ≤ 1A
7.76
8.00
8.24
V
Line Regulation
Regline
10V
≥ VIN ≥ 26V, IO = 5 mA
20
80
mV
Load Regulation
Regload 50mA ≤ IO ≤ 1A
55
50
mV
Output Impedance
ZO
100mADC and 20mArms, fo = 120Hz
55
M
Quiescent Current
10V
≥ VIN ≥ 26V, IO = 5 mA
10
15
mA
VIN = 13V, IO = 1A
30
45
mA
Output Noise Voltage
Vn
10Hz – 100kHz, IO = 5mA
240
µVrms
Ripple Rejection
RR
fo = 120Hz, 1Vrms, II = 100mA
54
66
dB
Long Term Stability
S
32
mV/1000Hr
Dropout Voltage
VIN–VO IO = 1A
0.5
0.8
V
IO = 100mA
110
150
mA
Short Circuit Current
ISC
1.6
1.9
A
Maximum Line Transient
VO ≤ 9V, RO = 100Ω, T ≤ 100ms
60
75
V
Maximum Operational
Input Voltage
26
31
Vdc
Reverse Polarity Input
Voltage DC
RO = 100Ω
–15
–30
V
Reverse Polarity Input
Voltage Transient
T
≤ 100ms, RO = 100Ω
–50
–75
V
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147
(3.75)
Dia
Max
GND
.100 (2.54)
VIN
GND
VOUT
.070 (1.78) Max
.110 (2.79)


유사한 부품 번호 - NTE1952

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1951 NTE-NTE1951 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
NTE1953 NTE-NTE1953 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE1955 NTE-NTE1955 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
More results

유사한 설명 - NTE1952

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1904 NTE-NTE1904 Datasheet
21Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 3.3V, 1A
NTE1951 NTE-NTE1951 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
NTE1953 NTE-NTE1953 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
NTE964 NTE-NTE964 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 8V
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE1955 NTE-NTE1955 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
NTE1910 NTE-NTE1910 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
NTE1932 NTE-NTE1932 Datasheet
23Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 10V, 1A
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com