전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6248HBMX 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 FAN6248HBMX
상세설명  Advanced Synchronous Rectifier Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6248HBMX 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button FAN6248HBMX Datasheet HTML 2Page - ON Semiconductor FAN6248HBMX Datasheet HTML 3Page - ON Semiconductor FAN6248HBMX Datasheet HTML 4Page - ON Semiconductor FAN6248HBMX Datasheet HTML 5Page - ON Semiconductor FAN6248HBMX Datasheet HTML 6Page - ON Semiconductor FAN6248HBMX Datasheet HTML 7Page - ON Semiconductor FAN6248HBMX Datasheet HTML 8Page - ON Semiconductor FAN6248HBMX Datasheet HTML 9Page - ON Semiconductor FAN6248HBMX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FAN6248
www.onsemi.com
5
Electrical Characteristics
VDD = 12V and TJ = -40°C to 125°C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
VDD_ON
Turn-On Threshold
VDD rising
4.3
4.5
4.7
V
VDD_OFF
Turn-Off Threshold
VDD falling
4.0
4.2
4.4
V
IDD_OP
Operating Current
fSW = 100kHz, CGATE = 3.3nF
7
8.5
10
mA
IDD_SRARTUP
VDD = VDD_ON - 0.1V
200
A
IDD_GREEN
Operating Current in Green Mode
VDD = 12V (no switching)
350
500
A
Drain Voltage Sensing Section
VOSI(1)
Comparator Input Offset Voltage
-1
0
1
mV
IOFFSET
IOFFSET1 and IOFFSET2
Maximum of adaptive offset current
(15 steps, 9uA resolution)
IOFFSET=IOFFSET_STEP15
112.5
135
157.5
A
VTH_ON
Turn-On Threshold
RDRAIN
= 0Ω (includes comparator
input offset voltage)
-290
-240
-190
mV
tON_DLY(1)
Turn on delay for de-bounce time
when turn-on delay mode is disabled
by detecting normal SR current
From VDS falling below VTH_ON to
VGATE rising above VG_HG (With 50mV
overdrive), CGATE=0nF
80
ns
tON_DLY2_H(1)
Turn on delay for de-bounce time
when turn-on delay mode is enabled
by detecting SR current inversion for
HA and HB version
From VDS falling below VTH_ON to
VGATE rising above VG_HG (With 50mV
overdrive), CGATE=0nF
380
ns
VTH_OFF1_A(1)
First level Turn-Off Threshold for LA
and HA version
RDRAIN
= 0Ω (includes comparator
input offset voltage)
130
mV
VTH_OFF2_HA(1)
Second level Turn-Off Threshold for
HA version
RDRAIN
= 0Ω (includes comparator
input offset voltage)
228
mV
VTH_OFF1_B(1)
First level Turn-Off Threshold for LB
and HB version
RDRAIN
= 0Ω (includes comparator
input offset voltage)
100
mV
VTH_OFF2_HB(1)
Second level Turn-Off Threshold for
HB version
RDRAIN
= 0Ω (includes comparator
input offset voltage)
175
mV
tOFF_DLY(1)
Comparator delay for VTH_OFF1
From VDS rising above VTH_OFF to
VGATE falling below VG_LW (With 10mV
overdrive), CGATE=0nF
80
ns
VTH_HGH
Drain voltage high detect threshold
VDS Rising
0.65
0.8
0.95
V
tDB_HGH_H(1)
VTH_HGH detection blanking time for HA
and HB version
From VDS falling below VTH_ON
400
ns
Minimum On-Time and Maximum On-Time
KTON(1)
Adaptive minimum on time ratio
Ratio between tON_MIN and SR
conduction time of previous switching
cycle
50
%
tON_MIN_LH(1)
Minimum On-Time Lower Limit for HA
and HB version
200
ns
tON_MIN_UH
Minimum On-Time Upper Limit for HA
and HB version
0.96
1.2
1.44
s
tSR_CNDT_H
Minimum SR conduction time to
enable SR for HA and HB version
The duration from turn-on trigger to
VDS rising above VTH_HGH
380
600
820
ns


유사한 부품 번호 - FAN6248HBMX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HCMX ONSEMI-FAN6248HCMX Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HD ONSEMI-FAN6248HD Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HDMX ONSEMI-FAN6248HDMX Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
More results

유사한 설명 - FAN6248HBMX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
   Advanced modular synchronous PWM controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9291 EUTECH-EUP9291 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
ON Semiconductor
NCP43080 ONSEMI-NCP43080 Datasheet
453Kb / 36P
   Synchronous Rectifier Controller
November, 2015 ??Rev. P0
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
logo
Texas Instruments
UCC24630 TI1-UCC24630 Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com