전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34AH 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM34AH
상세설명  Precision Fahrenheit Temperature Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34AH 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  LM34AH Datasheet HTML 1Page - National Semiconductor (TI) LM34AH Datasheet HTML 2Page - National Semiconductor (TI) LM34AH Datasheet HTML 3Page - National Semiconductor (TI) LM34AH Datasheet HTML 4Page - National Semiconductor (TI) LM34AH Datasheet HTML 5Page - National Semiconductor (TI) LM34AH Datasheet HTML 6Page - National Semiconductor (TI) LM34AH Datasheet HTML 7Page - National Semiconductor (TI) LM34AH Datasheet HTML 8Page - National Semiconductor (TI) LM34AH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 10)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
a
35V to b02V
Output Voltage
a
6V to b10V
Output Current
10 mA
Storage Temperature
TO-46 Package
b
76 Fto a356 F
TO-92 Package
b
76 Fto a300 F
SO-8 Package
b
65 Cto a150 C
ESD Susceptibility (Note 11)
800V
Lead Temp
TO-46 Package (Soldering 10 seconds)
a
300 C
TO-92 Package (Soldering 10 seconds)
a
260 C
SO Package (Note 12)
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
Specified Operating Temp Range (Note 2)
TMIN to TMAX
LM34 LM34A
b
50 Fto a300 F
LM34C LM34CA
b
40 Fto a230 F
LM34D
a
32 Fto a212 F
DC Electrical Characteristics (Note 1 Note 6)
LM34A
LM34CA
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typical
Limit
Limit
Typical
Limit
Limit
(Max)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
Accuracy (Note 7)
TA ea77 F
g
04
g
10
g
04
g
10
F
TA e 0 F
g
06
g
06
g
20
F
TA e TMAX
g
08
g
20
g
08
g
20
F
TA e TMIN
g
08
g
20
g
08
g
30
F
Nonlinearity (Note 8)
TMIN s TA s TMAX
g
035
g
07
g
030
g
06
F
Sensor Gain
TMIN s TA s TMAX
a
100
a
99
a
100
a
99
mV F min
(Average Slope)
a
101
a
101
mV F max
Load Regulation
TA ea77 F
g
04
g
10
g
04
g
10
mVmA
(Note 3)
TMIN s TA s TMAX
g
05
g
30
g
05
g
30
mVmA
0 s IL s 1mA
Line Regulation (Note 3)
TA ea77 F
g
001
g
005
g
001
g
005
mVV
5V s VS s 30V
g
002
g
01
g
002
g
01
mVV
Quiescent Current
VS ea5V a77 F75
90
75
90
m
A
(Note 9)
VS ea5V
131
160
116
139
m
A
VS ea30V a77 F76
92
76
92
m
A
VS ea30V
132
163
117
142
m
A
Change of Quiescent
4V s VS s 30V a77 F
a
05
20
05
20
m
A
Current (Note 3)
5V s VS s 30V
a
10
30
10
30
m
A
Temperature Coefficient
a
030
a
05
a
030
a
05
m
A F
of Quiescent Current
Minimum Temperature
In circuit of
Figure 1
a
30
a
50
a
30
a
50
F
for Rated Accuracy
IL e 0
Long-Term Stability
Tj e TMAX for 1000 hours
g
016
g
016
F
Note 1
Unless otherwise noted these specifications apply b50 F s Tj s a 300 F for the LM34 and LM34A b40 F s Tj s a230 F for the LM34C and
LM34CA and a32 F s Tj s a 212 F for the LM34D VS ea5 Vdc and ILOAD e 50 mA in the circuit of Figure 2 a6 Vdc for LM34 and LM34A for 230 F s Tj s
300 F These specifications also apply from a5 FtoTMAX in the circuit of Figure 1
Note 2
Thermal resistance of the TO-46 package is 720 FW junction to ambient and 43 FW junction to case Thermal resistance of the TO-92 package is
324 FW junction to ambient Thermal resistance of the small outline molded package is 400 FW junction to ambient For additional thermal resistance informa-
tion see table in the Typical Applications section
Note 3
Regulation is measured at constant junction temperature using pulse testing with a low duty cycle Changes in output due to heating effects can be
computed by multiplying the internal dissipation by the thermal resistance
Note 4
Tested limits are guaranteed and 100% tested in production
Note 5
Design limits are guaranteed (but not 100% production tested) over the indicated temperature and supply voltage ranges These limits are not used to
calculate outgoing quality levels
Note 6
Specification in BOLDFACE TYPE apply over the full rated temperature range
Note 7
Accuracy is defined as the error between the output voltage and 10 mV F times the device’s case temperature at specified conditions of voltage current
and temperature (expressed in F)
Note 8
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line over the device’s rated temperature
range
Note 9
Quiescent current is defined in the circuit of
Figure 1
Note 10
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when
operating the device beyond its rated operating conditions (see Note 1)
Note 11
Human body model 100 pF discharged through a 15 kX resistor
Note 12
See AN-450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ or the section titled ‘‘Surface Mount’’ found in a current National
Semiconductor Linear Data Book for other methods of soldering surface mount devices
2


유사한 부품 번호 - LM34AH

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM34AH NSC-LM34AH Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Texas Instruments
LM34AH TI1-LM34AH Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
LM34AH/NOPB TI1-LM34AH/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
More results

유사한 설명 - LM34AH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
logo
National Semiconductor ...
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
LM34 NSC-LM34_00 Datasheet
254Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Texas Instruments
LM34 TI1-LM34 Datasheet
508Kb / 23P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
LM34 TI-LM34_15 Datasheet
307Kb / 19P
[Old version datasheet]   LM34 Precision Fahrenheit Temperature Sensors
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com