전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G241DP 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74LVC2G241DP
상세설명  Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G241DP 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G241DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 10Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G241DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2005 Feb 02
9
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V
tolerant inputs/outputs; 3-state
74LVC2G241
Note
1. All typical values are measured at Tamb =25 °C.
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay nA to nY
see Figs 4 and 7
1.65 to 1.95
1.0
11.0
ns
2.3 to 2.7
0.5
6.3
ns
2.7
1.0
5.9
ns
3.0 to 3.6
0.5
5.4
ns
4.5 to 5.5
0.5
4.6
ns
tPZH/tPZL
3-state output enable time
1OE to 1Y
see Figs 5 and 7
1.65 to 1.95
1.5
12.4
ns
2.3 to 2.7
1.0
7.0
ns
2.7
1.5
6.9
ns
3.0 to 3.6
0.5
5.9
ns
4.5 to 5.5
0.5
4.8
ns
tPHZ/tPLZ
3-state output disable time
1OE to 1Y
see Figs 5 and 7
1.65 to 1.95
1.0
14.1
ns
2.3 to 2.7
0.5
7.6
ns
2.7
1.0
5.9
ns
3.0 to 3.6
1.0
5.7
ns
4.5 to 5.5
0.5
4.6
ns
tPZH/tPZL
3-state output enable time
2OE to 2Y
see Figs 6 and 7
1.65 to 1.95
1.0
11.0
ns
2.3 to 2.7
1.0
5.9
ns
2.7
1.0
5.8
ns
3.0 to 3.6
1.0
5.1
ns
4.5 to 5.5
0.5
4.1
ns
tPHZ/tPLZ
3-state output disable time
2OE to 2Y
see Figs 6 and 7
1.65 to 1.95
1.0
15.2
ns
2.3 to 2.7
0.5
6.9
ns
2.7
1.5
6.3
ns
3.0 to 3.6
1.0
5.4
ns
4.5 to 5.5
0.5
4.4
ns
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)


유사한 부품 번호 - 74LVC2G241DP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G241DP NXP-74LVC2G241DP Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74LVC2G241DP NXP-74LVC2G241DP Datasheet
111Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 09-10 June 2008
logo
Nexperia B.V. All right...
74LVC2G241DP NEXPERIA-74LVC2G241DP Datasheet
274Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 16 - 31 July 2019
74LVC2G241DP-Q100 NEXPERIA-74LVC2G241DP-Q100 Datasheet
228Kb / 13P
   Dual buffer/line driver; 3-state
More results

유사한 설명 - 74LVC2G241DP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G240 PHILIPS-74LVC2G240 Datasheet
90Kb / 20P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
2003 Mar 11
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
logo
NXP Semiconductors
74LVC16241A PHILIPS-74LVC16241A_15 Datasheet
186Kb / 17P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-26 October 2011
74LVC827A PHILIPS-74LVC827A_15 Datasheet
232Kb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com