전자부품 데이터시트 검색엔진 |
|
SI5311-BM 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers |
|
SI5311-BM 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 24 page Si5311 6 Preliminary Rev. 0.6 Table 2. DC Characteristics, VDD = 2.5 V (VDD = 2.5 V ± 5%, TA = –40°C to 85°C) Parameter Symbol Test Condition Min Typ Max Unit Supply Current MULTSEL[1:0] = 00 MULTSEL[1:0] = 01 MULTSEL[1:0] = 10 MULTSEL[1:0] = 11 IDD — — — — 108 113 117 124 118 123 127 134 mA Power Dissipation MULTSEL[1:0] = 00 MULTSEL[1:0] = 01 MULTSEL[1:0] = 10 MULTSEL[1:0] = 11 PD — — — — 270 283 293 310 310 323 333 352 mW Common Mode Input Voltage (CLKIN, REFCLK) VICM See Figure 2 — .80 " VDD —V Input Voltage Range* (CLKIN+, CLKIN–, REFCLK+, REFCLK–) VIS See Figure 2 — — 750 mV Differential Input Voltage Swing* (CLKIN, REFCLK) VID See Figure 2 200 — 1500 mV (pk-pk) Input Impedance (CLKIN, REFCLK) RIN Line-to-Line 84 100 116 Ω Differential Output Voltage Swing (CLKOUT) VOD 100 Ω Load Line-to-Line TBD 940 TBD mV (pk-pk) Differential Output Voltage Swing (MULTOUT) VOD 100 Ω Load Line-to-Line TBD 900 TBD mV (pk-pk) Output Common Mode Voltage (CLKOUT, MULTOUT) VOCM 100 Ω Load Line-to-Line —VDD –0.7 — V Output Impedance (CLKOUT, MULTOUT) ROUT Single-ended 84 100 116 Ω Output Short to GND (CLKOUT, MULTOUT) ISC(–) —25 TBD mA Output Short to VDD (CLKOUT, MULTOUT) ISC(+) TBD –15 — mA Input Voltage Low (LVTTL Inputs) VIL —— .8 V Input Voltage High (LVTTL Inputs) VIH 2.0 — — V Input Low Current (LVTTL Inputs) IIL —25 TBD µA Input High Current (LVTTL Inputs) IIH —25 TBD µA Output Voltage Low (LVTTL Outputs) VOL IO = 2 mA — — 0.4 V Output Voltage High (LVTTL Outputs) VOH IO = 2 mA 2.0 — — V Input Impedance (LVTTL Inputs) RIN 100 — — k Ω PWRDN/CAL Internal Pulldown Current IPWRDN VPWRDN ≥ 0.8 V TBD 25 TBD µA *Note: The CLKIN and REFCLK inputs may be driven differentially or single-endedly. When driving single-endedly, the voltage swing of the signal applied to the active input must exceed the specified minimum Differential Input Voltage Swing (VID min) and the unused input must be ac-coupled to ground. When driving differentially, the difference between the positive and negative input signals must exceed VID min. (Each individual input signal needs to swing only half of this range.) In either case, the voltage applied to any individual pin (CLKIN+, CLKIN–, REFCLK+, or REFCLK–) must not exceed the specified maximum Input Voltage Range (VIS max). |
유사한 부품 번호 - SI5311-BM |
|
유사한 설명 - SI5311-BM |