전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC14DBR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC14DBR
상세설명  HEX SCHMITT-TRIGGER INVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC14DBR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AHC14DBR Datasheet HTML 1Page - Texas Instruments SN74AHC14DBR Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
SN54AHC14, SN74AHC14
HEX SCHMITT-TRIGGER INVERTERS
SCLS238I – OCTOBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74AHC14
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.4
V
VOH(V)
Quiet output, minimum dynamic VOH
4.6
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
9
pF


유사한 부품 번호 - SN74AHC14DBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
991Kb / 22P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
913Kb / 22P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHC14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN74AHC14DBRE4 TI-SN74AHC14DBRE4 Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

유사한 설명 - SN74AHC14DBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com