전자부품 데이터시트 검색엔진 |
|
V200ML01 데이터시트(PDF) 1 Page - Z-Communications, Inc |
|
V200ML01 데이터시트(HTML) 1 Page - Z-Communications, Inc |
1 / 2 page -130 -120 -110 -100 -90 -80 -70 -60 -50 -40 100 1K 10K 100K V200ML01 Satellite Modems Mobile Radios Earthstations 15 26 11±2 200 300 0-15 8 -100 -10 <16 <1 50 50 0 to 70 - Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style MINI-14H MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz °C Vdc mA Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.) All specifications are typical unless otherwise noted and subject to change without notice. PHASE NOISE (1 Hz BW, typical) © Z-Communications, Inc. All rights reserved Page 1 VOLTAGE CONTROLLED OSCILLATOR Ω FEATURES APPLICATIONS PERFORMANCE SPECIFICATIONS VALUE UNITS POWER SUPPLY REQUIREMENTS APPLICATION NOTES 200 300 - MHz • Frequency Range: • Tuning Voltage: 0-15 Vdc - Style Package MINI-14H • • • • C3 Rev • AN-100/1 : Mounting and Grounding of VCOs • AN-102 : Proper Output Loading of VCOs • AN-107 : How to Solder Z-COMM VCOs NOTES: 9939 Via Pasar • San Diego, CA 92126 TEL (619) 621-2700 FAX (619) 621-2722 |
유사한 부품 번호 - V200ML01 |
|
유사한 설명 - V200ML01 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |