전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7303A 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADV7303A
상세설명  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7303A 데이터시트(HTML) 1 Page - Analog Devices

  ADV7303A Datasheet HTML 1Page - Analog Devices ADV7303A Datasheet HTML 2Page - Analog Devices ADV7303A Datasheet HTML 3Page - Analog Devices ADV7303A Datasheet HTML 4Page - Analog Devices ADV7303A Datasheet HTML 5Page - Analog Devices ADV7303A Datasheet HTML 6Page - Analog Devices ADV7303A Datasheet HTML 7Page - Analog Devices ADV7303A Datasheet HTML 8Page - Analog Devices ADV7303A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
REV. A
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
ADV7302A/ADV7303A
Multiformat SD, Progressive Scan/HDTV
Video Encoder with Six 11-Bit DACs
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
*ADV7302A Only
FEATURES
High Definition Input Formats
YCrCb Compliant to SMPTE293M (525 p),
ITU-R.BT1358 (625 p), SMPTE274M (1080 i),
SMPTE296M (720 p), and Any Other High Definition
Standard Using Async Timing Mode
RGB in 3
8-Bit 4:4:4 Format
BTA T-1004 EDTV2 525 p Parallel
High Definition Output Formats (525 p/625 p/720 p/1080 i)
YPrPb Progressive Scan (EIA-770.1, EIA-770.2)
YPrPb HDTV (EIA 770.3)
RGB + H/V (HDTV 5-Wire Format)
CGMS-A (720 p/1080 i)
Macrovision Rev 1.0 (525 p/625 p)*
CGMS-A (525 p)
Standard Definition Input Formats
CCIR-656 4:2:2 8-Bit Parallel Input
CCIR-601 4:2:2 16-Bit Parallel Input
Standard Definition Output Formats
Composite NTSC M, N;
PAL M, N, B, D, G, H, I, PAL-60
SMPTE170M NTSC Compatible Composite Video
ITU-R.BT470 PAL Compatible Composite Video
S-Video (Y/C)
EuroScart RGB
Component YUV (Betacam, MII, SMPTE/EBU N10)
Macrovision Rev 7.1*
CGMS/WSS
Closed Captioning
GENERAL FEATURES
Simultaneous SD and HD Inputs and Outputs
Oversampling (108 MHz/148.5 MHz)
On-Board Voltage Reference
6 Precision Video 11-Bit DACs
2-Wire Serial MPU Interface
Dual I/O Supply 2.5 V/3.3 V Operation
Analog and Digital Supply 2.5 V
On-Board PLL
64-LQFP Package
Lead-Free Product
APPLICATIONS
DVD Players
SD/HD Display Devices
SD/HD Set-Top Boxes
SD/HDTV Studio Equipment
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
S7–S0
Y7–Y0
C7–C0
S_HSYNC
S_VSYNC
S_BLANK
P_HSYNC
P_VSYNC
P_BLANK
CLKIN_A
CLKIN_B
D
E
M
U
X
TIMING
GENERATOR
PLL
O
V
E
R
S
A
M
P
L
I
N
G
I2C
INTERFACE
D
E
M
U
X
STANDARD DEFINITION
CONTROL BLOCK
COLOR CONTROL
BRIGHTNESS
DNR
GAMMA
PROGRAMMABLE FILTERS
SD TEST PATTERN
HIGH DEFINITION
CONTROL BLOCK
HD TEST PATTERN
COLOR CONTROL
ADAPTIVE FILTER CTRL
SHARPNESS FILTER
PROGRAMMABLE
RGB MATRIX
11-BIT
DAC
11-BIT
DAC
11-BIT
DAC
11-BIT
DAC
11-BIT
DAC
11-BIT
DAC
ADV7302A/
ADV7303A
GENERAL DESCRIPTION
The ADV7302A/ADV7303A is a high speed, digital-to-analog
encoder on a single monolithic chip. It includes six high speed
video D/A converters with TTL compatible inputs.
The ADV7302A/ADV7303A has three separate 8-bit wide input
ports that accept data in high definition and/or standard defini-
tion video format. For all standards, external horizontal, vertical,
and blanking signals, or EAV/SAV timing codes, control the
insertion of appropriate synchronization signals into the digital
data stream and therefore the output signals.


유사한 부품 번호 - ADV7303A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results

유사한 설명 - ADV7303A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com