전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7495 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7495
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7495 데이터시트(HTML) 6 Page - International Rectifier

  IRF7495 Datasheet HTML 1Page - International Rectifier IRF7495 Datasheet HTML 2Page - International Rectifier IRF7495 Datasheet HTML 3Page - International Rectifier IRF7495 Datasheet HTML 4Page - International Rectifier IRF7495 Datasheet HTML 5Page - International Rectifier IRF7495 Datasheet HTML 6Page - International Rectifier IRF7495 Datasheet HTML 7Page - International Rectifier IRF7495 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7495
6
www.irf.com
Fig 13. On-Resistance vs. Gate Voltage
Fig 12. On-Resistance vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
vs. Drain Current
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
1K
VCC
DUT
0
L
VGS
QG
QGS
QGD
VG
Charge
0
102030
4050
6070
ID , Drain Current (A)
10
15
20
25
VGS = 10V
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
ID
TOP
2.0A
3.5A
BOTTOM 4.4A
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
VGS, Gate -to -Source Voltage (V)
10
20
30
40
50
ID = 4.4A


유사한 부품 번호 - IRF7495

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7495 IRF-IRF7495 Datasheet
607Kb / 8P
   High frequency DC-DC converters
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
152Kb / 8P
   High frequency DC-DC converters
IRF7495PBF IRF-IRF7495PBF_15 Datasheet
152Kb / 8P
   High frequency DC-DC converters
IRF7495TR IRF-IRF7495TR Datasheet
607Kb / 8P
   High frequency DC-DC converters
More results

유사한 설명 - IRF7495

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com