전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQA15N70 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FQA15N70
상세설명  700V N- CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA15N70 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FQA15N70 Datasheet HTML 1Page - Fairchild Semiconductor FQA15N70 Datasheet HTML 2Page - Fairchild Semiconductor FQA15N70 Datasheet HTML 3Page - Fairchild Semiconductor FQA15N70 Datasheet HTML 4Page - Fairchild Semiconductor FQA15N70 Datasheet HTML 5Page - Fairchild Semiconductor FQA15N70 Datasheet HTML 6Page - Fairchild Semiconductor FQA15N70 Datasheet HTML 7Page - Fairchild Semiconductor FQA15N70 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
  
 


















     
 
          
! " # 
 $  % & " '  ( )$  
  
* 
 +      ,   
     
  


 

 


                 













 


















µ




µ
 









 !"#!
!  











 






   













  
 
   
 
  



% 

 !   
() *$$" &  +
',) *$$ 
 #$  
- .!   
#$  
/   
#$  
''# #$  

"



유사한 부품 번호 - FQA15N70

제조업체부품명데이터시트상세설명
logo
Qualtek Electronics Cor...
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038SBH3 QUALTEK-FQA1-12038SBH3 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038TBH3 QUALTEK-FQA1-12038TBH3 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038UBH3 QUALTEK-FQA1-12038UBH3 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038VBH3 QUALTEK-FQA1-12038VBH3 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
More results

유사한 설명 - FQA15N70

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com