전자부품 데이터시트 검색엔진 |
|
TC1273 데이터시트(PDF) 3 Page - Microchip Technology |
|
TC1273 데이터시트(HTML) 3 Page - Microchip Technology |
3 / 12 page 2003 Microchip Technology Inc. DS21382B-page 3 TC1272/TC1273/TC1274 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, TA = -40°C to +85°C. Typical values are at TA = +25°C. Comparator Overdrive voltage (VOD) is defined in Figure 4-5 FIGURE 2-1: VCC Detect to Reset (RESET). FIGURE 2-2: Reset Delays vs. Comparator Overdrive. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. VCC SLEW RATE (V/µsec) 10000 1000 1 10 100 1000 10000 100000 100000 100 10 VOD = 1V VOD = 2V VOD = 200mV VOD = 100mV VOD = 20mV TA = 25°C 300 200 100 0 0 12 3 4 5 COMPARATOR OVERDRIVE (V) TA = 25°C |
유사한 부품 번호 - TC1273 |
|
유사한 설명 - TC1273 |