전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE39456-9 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE39456-9
상세설명  SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39456-9 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39456-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39456-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39456-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39456-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Insertion Loss
0.516 dB
Mechanical Specifications
Size
Length
9 in [228.6 mm]
Diameter
0.866 in [22 mm]
.
One Time Minimum Bend Radius
0.315 in [8 mm]
Repeated Minimum Bend Radius
1.57 in [39.88 mm]
Cable
Cable Type
PE-SR402FL
Inner Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
1
Dielectric Type
PTFE
Connector 1
Type
SMA Male Right Angle
Configuration
Right Angle
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 in.
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Connector 2
Type
N Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE39456-9 REV 1.1
PE39456-9
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length
Using PE-SR402FL Coax, RoHS PE39456-9
SMA Male Right Angle to N Female Bulkhead Semi-Flexible
Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS


유사한 부품 번호 - PE39456-9

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE39456-12 PASTERNACK-PE39456-12 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-18 PASTERNACK-PE39456-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-24 PASTERNACK-PE39456-24 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-6 PASTERNACK-PE39456-6 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FL Coax, RoHS
More results

유사한 설명 - PE39456-9

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE39428-9 PASTERNACK-PE39428-9 Datasheet
374Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39455-9 PASTERNACK-PE39455-9 Datasheet
371Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39427-9 PASTERNACK-PE39427-9 Datasheet
370Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39484-9 PASTERNACK-PE39484-9 Datasheet
374Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39483-9 PASTERNACK-PE39483-9 Datasheet
372Kb / 4P
   SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39426-9 PASTERNACK-PE39426-9 Datasheet
335Kb / 3P
   SMA Male to SMA Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-24 PASTERNACK-PE39456-24 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FL Coax, RoHS
PE39456 PASTERNACK-PE39456_15 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39428-18 PASTERNACK-PE39428-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-12 PASTERNACK-PE39456-12 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com