전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3445 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 2SK3445
상세설명  Switching Regulator, DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3445 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  2SK3445 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3445 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3445
2002-09-04
4
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth – Tc
Case temperature Tc (°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
0.06
0.12
0.18
0.3
-80
-40
0
40
80
120
160
ID = 20 A
5
0.24
10
Common source
VGS = 10 V
Pulse test
1
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
-1.6
-2.0
10
100
1000
Common source
Tc
= 25°C
Pulse test
VGS = 0 V
3
5
10
-1.4
-1.8
3
0
-80
-40
0
40
120
160
80
1
2
5
6
4
Common source
VDS = 10 V
ID = 1 mA
Pulse test
40
80
10
0
40
80
120
200
120
160
160
200
50
100
0
0
20
40
60
100
150
200
80
250
VDD = 200 V
100 V
50 V
VGS
VDS
Common source
ID = 20 A
Tc
= 25°C
Pulse test
0
4
8
12
16
20
10
0.1
1
10
100
100
1000
30000
1000
10000
Crss
Coss
Ciss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C


유사한 부품 번호 - 2SK3445

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3445 TOSHIBA-2SK3445 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
More results

유사한 설명 - 2SK3445

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com