전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB10N03 데이터시트(PDF) 4 Page - SamHop Microelectronics Corp.

부품명 STB10N03
상세설명  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB10N03 데이터시트(HTML) 4 Page - SamHop Microelectronics Corp.

  STB10N03 Datasheet HTML 1Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 2Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 3Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 4Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 5Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 6Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 7Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.samhop.com.tw
Aug,31,2016
4
VDS, Drain-to-Source Voltage(V)
Figure 7. Capacitance
Qg, Total Gate Charge(nC)
Figure 8. Gate Charge
Ciss
Coss
Crss
10000
8000
6000
4000
2000
0
40
60
80
100
0
20
10
8
6
4
2
0
VDS=50V
ID=20A
0
120
100
80
60
40
20
STB10N03
Ver 1.0
VDS, Drain-Source Voltage(V)
Figure 9. Maximum Safe Operating Area
0.1
1
10
100
100
10
1
0.3
VGS=10V
Single Pulse
TC=25 C
DC
10m
s
1m
s
100u
s
10u
s
R
DS
(O
N)
L
im
it
1000


유사한 부품 번호 - STB10N03

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
STB10NA40 STMICROELECTRONICS-STB10NA40 Datasheet
127Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
   N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
More results

유사한 설명 - STB10N03

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com