전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT9M034 데이터시트(PDF) 12 Page - ON Semiconductor

부품명 MT9M034
상세설명  1/3-Inch CMOS Digital Image Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M034 데이터시트(HTML) 12 Page - ON Semiconductor

Back Button MT9M034_17 Datasheet HTML 8Page - ON Semiconductor MT9M034_17 Datasheet HTML 9Page - ON Semiconductor MT9M034_17 Datasheet HTML 10Page - ON Semiconductor MT9M034_17 Datasheet HTML 11Page - ON Semiconductor MT9M034_17 Datasheet HTML 12Page - ON Semiconductor MT9M034_17 Datasheet HTML 13Page - ON Semiconductor MT9M034_17 Datasheet HTML 14Page - ON Semiconductor MT9M034_17 Datasheet HTML 15Page - ON Semiconductor MT9M034_17 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
MT9M034
www.onsemi.com
12
Table 6. FRAME TIME: LONG INTEGRATION TIME
Parameters
Name
Equation (Number of Pixel Clock Cycles)
Default Timing
at 74.25 MHz
F’
Total Frame Time
(Long Integration Time)
Context A: (R0x3012 x (A + Q)) + R0x3014 + P1 + P2
Context B: (R0x3016 x (A + Q)) + V R0x3018 + P1 + P2
3,300,012 pixel
clocks
= 44.44 ms
1. The MT9M034 uses column parallel analog−digital converters; thus short line timing is not possible. The minimum total line time is 1650
columns (horizontal width + horizontal blanking) for HDR mode and 1400 for linear mode. The minimum horizontal blanking is 370.
Exposure
Total
integration
time
is
the
result
of
Coarse_Integration_Time
and
Fine_Integration_Time
registers, and depends also on whether manual or automatic
exposure is selected.
The actual total integration time, tINT is defined as:
tINT + tINTCoarse * 410 * tINTFine
(eq. 2)
= (number of lines of integration x line time) − (410 pixel
clocks of conversion time overhead) − (number of pixels of
integration x pixel time)
where:
Number of Lines of Integration (Auto Exposure
Control: Enabled)
When automatic exposure control (AEC) is enabled,
the number of lines of integration may vary from
frame to frame, with the limits controlled by
R0x311E (minimum auto exposure time) and
R0x311C (maximum auto exposure time)
Number of Lines of Integration (Auto Exposure
Control: Disabled)
If AEC is disabled, the number of lines of
integration equals the value in R0x3012 (context A)
or R0x3016 (context B)
Number of Pixels of Integration
The number of fine shutter width pixels is
independent of AEC mode (enabled or disabled):
Context A: the number of pixels of integration
equals the value in R0x3014
Context B: the number of pixels of integration
equals the value in R0x3018. Maximum value for
tINTFine is line length pixel clocks − 611
Typically, the value of the Coarse_Integration_Time
register is limited to the number of lines per frame (which
includes vertical blanking lines), such that the frame rate is
not affected by the integration time. For more information
on coarse and fine integration time settings limits, please
refer to the Register Reference document.
NOTE: In HDR mode, there are specific limitations on
coarse_integration_time due to the number of
line buffers available. Please refer to the section
called “HDR Specific Exposure Settings”.
For best image quality, it is recommended that the
integration time be set to two rows or greater for the shortest
exposure, particularly for monochrome sensors. For linear
mode, this would be the coarse integration time (R0x3012).
For HDR mode, the integration time should be set such that
the T3 exposure is 2 rows or greater. Setting the exposure
time to 1 row may result in non−uniformity between rows.


유사한 부품 번호 - MT9M034_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9M034I12STC-DPBR ONSEMI-MT9M034I12STC-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DPBR1 ONSEMI-MT9M034I12STC-DPBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STC-DRBR ONSEMI-MT9M034I12STC-DRBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DRBR1 ONSEMI-MT9M034I12STC-DRBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STM-DPBR ONSEMI-MT9M034I12STM-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
More results

유사한 설명 - MT9M034_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com