전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT9P006 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MT9P006
상세설명  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P006 데이터시트(HTML) 3 Page - ON Semiconductor

  MT9P006_17 Datasheet HTML 1Page - ON Semiconductor MT9P006_17 Datasheet HTML 2Page - ON Semiconductor MT9P006_17 Datasheet HTML 3Page - ON Semiconductor MT9P006_17 Datasheet HTML 4Page - ON Semiconductor MT9P006_17 Datasheet HTML 5Page - ON Semiconductor MT9P006_17 Datasheet HTML 6Page - ON Semiconductor MT9P006_17 Datasheet HTML 7Page - ON Semiconductor MT9P006_17 Datasheet HTML 8Page - ON Semiconductor MT9P006_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
MT9P006
www.onsemi.com
3
Figure 2. Typical Configuration (Connection)
DOUT [11:0]
PIXCLK
FV
LV
STROBE
SADDR
RESET_BAR
STANDBY_BAR
SCLK
SDATA
TRIGGER
VDD_IO2,3 VDD2,3
1μF
VAA2,3
OE
To
controller
From
controller
Master
clock
EXTCLK
Notes:
1. A resistor value of 1.5 kΩ is recommended, but may be greater for slower two-wire speed.
2. All power supplies should be adequately decoupled.
3. All DGND pins must be tied together, as must all AGND pins, all VDD_IO pins, and all VDD pins.
48
Figure 3. 48-Pin iLCC 10 x 10 Package Pinout Diagram (Top View)
1
2
3
4
5
6
44
43
19
20
21
22
23
24
25
26
27
28
29
30
7
8
9
10
11
12
13
14
15
16
42
41
40
39
38
37
36
35
34
33
32
31
FRAME_VALID
LINE_VALID
STROBE
DGND
VDD_ IO
VDD
SADDR
STANDBY_BAR
TRIGGER
RESET_BAR
OE
NC
DOUT8
DOUT7
DOUT6
VDD_IO
DOUT5
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
PIXCLK
EXTCLK
48
47
46
45
17
18


유사한 부품 번호 - MT9P006_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9P006I12STCU-DP ONSEMI-MT9P006I12STCU-DP Datasheet
1Mb / 47P
   CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
MT9P006I12STCU-DR ONSEMI-MT9P006I12STCU-DR Datasheet
1Mb / 47P
   CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
More results

유사한 설명 - MT9P006_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com