전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT9V024 데이터시트(PDF) 18 Page - ON Semiconductor

부품명 MT9V024
상세설명  1/3-Inch Wide VGA CMOS Digital Image Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 데이터시트(HTML) 18 Page - ON Semiconductor

Back Button MT9V024_17 Datasheet HTML 14Page - ON Semiconductor MT9V024_17 Datasheet HTML 15Page - ON Semiconductor MT9V024_17 Datasheet HTML 16Page - ON Semiconductor MT9V024_17 Datasheet HTML 17Page - ON Semiconductor MT9V024_17 Datasheet HTML 18Page - ON Semiconductor MT9V024_17 Datasheet HTML 19Page - ON Semiconductor MT9V024_17 Datasheet HTML 20Page - ON Semiconductor MT9V024_17 Datasheet HTML 21Page - ON Semiconductor MT9V024_17 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MT9V024/D
www.onsemi.com
18
The sequence is as follows:
1. During frame n, the new integration time is held
in the R0x0B or R0D2 live register.
2. Prior to the start of frame (n + 1) readout, the new
integration time is transferred to the exposure
control module. Integration for each row of frame
(n + 1) has been completed using the old
integration time. The earliest time that a row can
start integrating using the new integration time is
immediately after that row has been read for frame
(n + 1). The actual time that rows start integrating
using the new integration time is dependent on the
new value of the integration time.
3. When frame (n + 2) is read out, it is integrated
using the new integration time. If the integration
time is changed (R0x0B or R0xD2 written) on
successive frames, each value written is applied to
a single frame; the latency between writing a value
and it affecting the frame readout remains at two
frames.
frame n+1
frame n+2
frame n
write new exposure value (Exp “B”)
idle
idle
Exp “A”
Exp “A”
Exp “B”
Exp “B”
Exp “B”
Readout Exp “B”
Readout Exp “B”
Readout Exp “B”
Readout Exp “A”
Readout Exp “A”
New image available
at output
Frame start acti-
vates new exposure
value (Exp “B”)
AEC −sample writes
new exposure value
(Exp “B”)
AEC −sample writes
new exposure value
(Exp “B”)
Figure 22. Latency of Exposure Register in Master Mode
Two−wire
serial interface
(Input)
LED_OUT
(Output)
FRAME_VALID
(Output)
Exposure Indicator
The exposure indicator is controlled by:
R0x1B LED_OUT Control
The MT9V024 provides an output pin, LED_OUT, to
indicate when the exposure takes place. When R0x1B
bit 0 is clear, LED_OUT is HIGH during exposure. By
using R0x1B, bit 1, the polarity of the LED_OUT pin
can be inverted.
High Dynamic Range
High dynamic range is controlled by:
Table 9.
HIGH DYNAMIC RANGE
Context A
Context B
High Dynamic Enable
R0x0F[0]
R0x0F[8]
Shutter Width 1
R0x08
R0xCF
Shutter Width 2
R0x09
R0xD0
Shutter Width Control
R0x0A
R0xD1
V_Step Voltages
R0x31−R0x34
R0x39−R0x3C
In the MT9V024, high dynamic range (by setting R0x0F,
bit 0 or 8 to 1) is achieved by controlling the saturation level
of the pixel (HDR or high dynamic range gate) during the
exposure period. The sequence of the control voltages at the
HDR gate is shown in Figure 23. After the pixels are reset,
the step voltage, V_Step, which is applied to HDR gate, is
set up at V1 for integration time t1,then to V2 for time t2, then
V3 for time t3, and finally it is parked at V4, which also
serves as an antiblooming voltage for the photodetector.
This sequence of voltages leads to a piecewise linear pixel
response, illustrated (approximately) in Figure 23 and in
Figure 24.


유사한 부품 번호 - MT9V024_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9V024D ONSEMI-MT9V024D Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTMC13CC1-200 ONSEMI-MT9V024D00XTMC13CC1-200 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTMC13CC1-200 ONSEMI-MT9V024D00XTMC13CC1-200 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results

유사한 설명 - MT9V024_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com