전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PYTHON480 데이터시트(PDF) 50 Page - ON Semiconductor

부품명 PYTHON480
상세설명  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 데이터시트(HTML) 50 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 46Page - ON Semiconductor PYTHON480 Datasheet HTML 47Page - ON Semiconductor PYTHON480 Datasheet HTML 48Page - ON Semiconductor PYTHON480 Datasheet HTML 49Page - ON Semiconductor PYTHON480 Datasheet HTML 50Page - ON Semiconductor PYTHON480 Datasheet HTML 51Page - ON Semiconductor PYTHON480 Datasheet HTML 52Page - ON Semiconductor PYTHON480 Datasheet HTML 53Page - ON Semiconductor PYTHON480 Datasheet HTML 54Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
PYTHON 480
www.onsemi.com
50
Table 33. REGISTER MAP (continued)
Address
Offset
Type
Description
Default
Default
(Hex)
Register Name
Bit Field
Address
[15:0]
reserved
0x0
0
Reserved
1
105
reserved
0x0000
0
Reserved
RW
[1:0]
reserved
0x0
0
Reserved
[5:2]
reserved
0x0
0
Reserved
[7]
reserved
0x0
0
Reserved
[9:8]
reserved
0x0
0
Reserved
[13:10]
reserved
0x0
0
Reserved
[15]
reserved
0x0
0
Reserved
2
106
reserved
0x0000
0
Reserved
RW
[15:0]
reserved
0x0000
0
Reserved
3
107
reserved
0x0000
0
Reserved
RW
[10:0]
reserved
0x0000
0
Reserved
Serializers/LVDS/IO [Block Offset: 112]
0
112
power_down
0x0000
0
LVDS Power Down Configuration
RW
[0]
clock_out_pwd_n
0x0
0
Power down for Clock Output.
‘0 ’: powered down,
‘1’: powered up
[1]
sync_pwd_n
0x0
0
Power down for Sync channel
‘0’: powered down,
‘1’: powered up
[2]
data_pwd_n
0x0
0
Power down for data channels (4 channels)
‘0’: powered down,
‘1’: powered up
Sync Words [Block Offset: 116]
4
116
trainingpattern
0x03A6
934
Data Formating - Training Pattern
RW
[9:0]
trainingpattern
0x3A6
934
Training pattern sent on Data channels during
idle mode. This data is used to perform word
alignment on the LVDS data channels.
5
117
sync_code0
0x002A
42
LVDS Power Down Configuration
RW
[6:0]
frame_sync_0
0x02A
42
Frame Sync Code LSBs - Even kernels
6
118
sync_code1
0x0015
21
Data Formating - BL Indication
RW
[9:0]
bl_0
0x015
21
Black Pixel Identification Sync Code - Even
kernels
7
119
sync_code2
0x0035
53
Data Formating - IMG Indication
RW
[9:0]
img_0
0x035
53
Valid Pixel Identification Sync Code - Even
kernels
8
120
sync_code3
0x0025
37
Data Formating - IMG Indication
RW
[9:0]
ref_0
0x025
37
Reference Pixel Identification Sync Code -
Even kernels
9
121
sync_code4
0x002A
42
LVDS Power Down Configuration
RW
[6:0]
frame_sync_1
0x02A
42
Frame Sync Code LSBs - Odd kernels
10
122
sync_code5
0x0015
21
Data Formating - BL Indication
RW
[9:0]
bl_1
0x015
21
Black Pixel Identification Sync Code -
Odd kernels
11
123
sync_code6
0x0035
53
Data Formating - IMG Indication
RW
[9:0]
img_1
0x035
53
Valid Pixel Identification Sync Code -
Odd kernels
12
124
sync_code7
0x0025
37
Data Formating - IMG Indication
RW
[9:0]
ref_1
0x025
37
Reference Pixel Identification Sync Code -
Odd kernels


유사한 부품 번호 - PYTHON480

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

유사한 설명 - PYTHON480

제조업체부품명데이터시트상세설명
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com