전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3956-60 데이터시트(PDF) 3 Page - Pasternack Enterprises, Inc.

부품명 PE3956-60
상세설명  SMA Male to SMA Female Bulkhead Cable 60 Inch Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3956-60 데이터시트(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3956-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3956-60 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3956
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3956-12 = 12 inches long cable
PE3956-100cm = 100 cm long cable
SMA Male to SMA Female Bulkhead Cable 60 Inch Length Using RG58 Coax from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable 60 Inch Length Using RG58 Coax PE3956-60
URL: https://www.pasternack.com/sma-male-sma-female-rg58cu-cable-assembly-pe3956-60-p.aspx
PE3956-60 REV 1.1
RF Cable Assemblies Technical Data Sheet
SMA Male to SMA Female Bulkhead Cable
60 Inch Length Using RG58 Coax
PE3956-60


유사한 부품 번호 - PE3956-60

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3956-6 PASTERNACK-PE3956-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length
More results

유사한 설명 - PE3956-60

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3835LF-60 PASTERNACK-PE3835LF-60 Datasheet
662Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length
PE3835-60 PASTERNACK-PE3835-60 Datasheet
656Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length
PE3825LF-60 PASTERNACK-PE3825LF-60 Datasheet
373Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length RF Cable
PE3825-60 PASTERNACK-PE3825-60 Datasheet
368Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length RF Cable
PE3836LF-60 PASTERNACK-PE3836LF-60 Datasheet
667Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length
PE3836-60 PASTERNACK-PE3836-60 Datasheet
660Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 60 Inch Length
PE3832-60 PASTERNACK-PE3832-60 Datasheet
347Kb / 4P
   SMA Male to SMA Female Cable 60 Inch Length
PE3835-18 PASTERNACK-PE3835-18 Datasheet
654Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835LF-24 PASTERNACK-PE3835LF-24 Datasheet
660Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3956-6 PASTERNACK-PE3956-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com