전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADD8704ARUZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADD8704ARUZ
상세설명  16 V Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADD8704ARUZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADD8704ARUZ Datasheet HTML 5Page - Analog Devices ADD8704ARUZ Datasheet HTML 6Page - Analog Devices ADD8704ARUZ Datasheet HTML 7Page - Analog Devices ADD8704ARUZ Datasheet HTML 8Page - Analog Devices ADD8704ARUZ Datasheet HTML 9Page - Analog Devices ADD8704ARUZ Datasheet HTML 10Page - Analog Devices ADD8704ARUZ Datasheet HTML 11Page - Analog Devices ADD8704ARUZ Datasheet HTML 12Page - Analog Devices ADD8704ARUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADD8704
FREQUENCY (Hz)
100
0
10
20
30
50
40
1k
1M
100k
10k
10M
AV = 100
AV = 10
AV = 1
VS = 16V
RL = 10kΩ
CL = 40pF
Figure 21. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
100
0
6
4
2
12
10
8
16
14
10k
1k
100k
1M
10M
VS = 16V
RL = 10kΩ
AV = 1
Figure 22. Output Swing vs. Frequency
FREQUENCY (Hz)
100
0
225
300
150
75
450
525
600
375
675
10k
1k
100k
1M
10M
AV = 1
VS = 4.5V
VS = 16V
Figure 23. Impedance vs. Frequency
FREQUENCY (Hz)
100
1k
0
120
10k
100k
1M
10M
80
100
60
40
20
VS = 16V
Figure 24. Common-Mode Rejection vs. Frequency
FREQUENCY (Hz)
100
0
20
60
40
80
100
1k
100k
1M
10k
10M
VS = 16V
+PSRR
PSRR
Figure 25. Common-Mode Rejection vs. Frequency
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
–OS
+OS
VS = ±8V
VIN = ±50mV
AV = 1
RL = 2kΩ
Figure 26. Overshoot vs. Capacitive Load
Rev. 0 | Page 9 of 16


유사한 부품 번호 - ADD8704ARUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD8704 AD-ADD8704 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
More results

유사한 설명 - ADD8704ARUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com