전자부품 데이터시트 검색엔진 |
|
AM26LV31CNS 데이터시트(PDF) 3 Page - Texas Instruments |
|
AM26LV31CNS 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 12 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions Electrical Characteristics AM26LV31C, AM26LV31I LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS SLLS201G – MAY 1995 – REVISED MAY 2005 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range(2) –0.3 6 V VI Input voltage range –0.3 6 V VO Output voltage range –0.3 6 V D package 73 θ JA Package thermal impedance(3) °C/W NS package 64 Lead temperature 1,6 mm (1/16 in) from case for 10 s 260 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to GND. (3) The package thermal impedance is calculated in accordance with JESD 51-7. MIN NOM MAX UNIT VCC Supply voltage 3 3.3 3.6 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V IOH High-level output current –30 mA IOL Low-level output current 30 mA AM26LV31C 0 70 TA Operating free-air temperature °C AM26LV31I –45 85 over recommended operating supply-voltage and free-air temperature ranges (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VIK Input clamp voltage II = 18 mA –1.5 V VOH High-level output voltage VIH = 2 V, IOH = –12 mA 1.85 2.3 V VOL Low-level output voltage VIL = 0.8 V, IOH = 12 mA 0.8 1.05 V |VOD| Differential output voltage(2) 0.95 1.5 V VOC Common-mode output voltage 1.3 1.55 1.8 V RL = 100 Ω Change in magnitude of ∆|V OC| ±0.2 V common-mode output voltage(2) IO Output current with power off VO = –0.25 V or 6 V, VCC = 0 ±100 µA Off-state (high-impedance state) IOZ VO = –0.25 V or 6 V, G = 0.8 V or G = 2 V ±100 µA output current IH High-level input current VCC = 0 or 3 V, VI = 5.5 V 10 µA IL Low-level input current VCC = 3.6 V, VI = 0 –10 µA IOS Short-circuit output current VCC = 3.6 V, VO = 0 –200 mA ICC Supply current (all drivers) VI = VCC or GND, No load 100 µA Power-dissipation capacitance Cpd No load 160 pF (all drivers)(3) (1) All typical values are at VCC = 3.3 V, TA = 25°C. (2) ∆|V OD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low level. (3) Cpd determines the no-load dynamic current consumption. IS = Cpd × VCC × f + ICC 3 |
유사한 부품 번호 - AM26LV31CNS |
|
유사한 설명 - AM26LV31CNS |