전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC636-16ZL1 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BC636-16ZL1
상세설명  High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC636-16ZL1 데이터시트(HTML) 1 Page - ON Semiconductor

  BC636-16ZL1 Datasheet HTML 1Page - ON Semiconductor BC636-16ZL1 Datasheet HTML 2Page - ON Semiconductor BC636-16ZL1 Datasheet HTML 3Page - ON Semiconductor BC636-16ZL1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2001
June, 2000 – Rev. 1
1
Publication Order Number:
BC636/D
BC636, BC636-16, BC638,
BC640, BC640-16
High Current Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC636
BC638
BC640
VCEO
–45
–60
–80
Vdc
Collector-Base Voltage
BC636
BC638
BC640
VCBO
–45
–60
–80
Vdc
Emitter-Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–0.5
Adc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to
+150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction to Ambient
R
θJA
200
°C/W
Thermal Resistance,
Junction to Case
R
θJC
83.3
°C/W
Device
Package
Shipping
ORDERING INFORMATION
BC636
TO–92
http://onsemi.com
CASE 29
TO–92
STYLE 14
5000 Units/Box
3
2
1
BC636ZL1
TO–92
2000/Ammo Pack
COLLECTOR
2
3
BASE
1
EMITTER
BC636–16ZL1
TO–92
2000/Ammo Pack
BC638
TO–92
5000 Units/Box
BC638ZL1
TO–92
2000/Ammo Pack
BC640
TO–92
5000 Units/Box
BC640ZL1
TO–92
2000/Ammo Pack
BC640–16
TO–92
5000 Units/Box


유사한 부품 번호 - BC636-16ZL1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC636-16 PHILIPS-BC636-16 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
logo
Micro Commercial Compon...
BC636-16 MCC-BC636-16 Datasheet
367Kb / 2P
   PNP Epitaxial Silicon Transistors
BC636-16 MCC-BC636-16 Datasheet
407Kb / 2P
   PNP Epitaxial Silicon Transistors
More results

유사한 설명 - BC636-16ZL1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com