전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY459F-1500 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 BY459F-1500
상세설명  Rectifier diode fast, high-voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY459F-1500 데이터시트(HTML) 1 Page - NXP Semiconductors

  BY459F-1500 Datasheet HTML 1Page - NXP Semiconductors BY459F-1500 Datasheet HTML 2Page - NXP Semiconductors BY459F-1500 Datasheet HTML 3Page - NXP Semiconductors BY459F-1500 Datasheet HTML 4Page - NXP Semiconductors BY459F-1500 Datasheet HTML 5Page - NXP Semiconductors BY459F-1500 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diode
BY459F-1500
fast, high-voltage
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass-passivated
double
diffused
SYMBOL
PARAMETER
MAX.
UNIT
rectifier diode in a full pack plastic
envelope,
featuring
fast
forward
V
RRM
Repetitive peak reverse voltage
1500
V
recovery and low forward recovery
V
F
Forward voltage
1.2
V
voltage. The device is intended for
I
FWM
Working peak forward current
10
A
use in multi-sync monitor horizontal
I
FRM
Repetitive peak forward current
100
A
deflection circuits.
t
fr
Forward recovery time
250
ns
V
fr
Forward recovery voltage
14
V
PINNING - SOD100
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
RSM
Non-repetitive peak reverse
-
1500
V
voltage during flash-over of
picture tube
V
RRM
Repetitive peak reverse voltage t = 6
µs; f = 82kHz
-
1500
V
V
RWM
Crest working reverse voltage
-
1300
V
I
FWM
Working peak forward current
1
f = 82kHz; T
hs ≤ 127 ˚C
-
10
A
I
FRM
Repetitive peak forward current t = 100
µs
-
100
A
I
FSM
Non-repetitive peak forward
t = 10 ms
-
100
A
current
t = 8.3 ms
-
110
A
sinusoidal; T
j = 150 ˚C prior to
surge; with reapplied V
RWM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
Repetitive peak voltage from
R.H.
≤ 65% ; clean and dustfree
-
1500
V
both terminals to external
heatsink
C
isol
Capacitance from cathode to
f = 1 MHz
-
12
-
pF
external heatsink
12
case
k
a
1
2
1 Including worst case forward recovery losses, see fig:5.
August 1996
1
Rev 1.200


유사한 부품 번호 - BY459F-1500

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
BY459 LUGUANG-BY459 Datasheet
172Kb / 2P
   Super Fast Rectifiers
logo
Diode Semiconductor Kor...
BY459 DSK-BY459 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIER
logo
NXP Semiconductors
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500S PHILIPS-BY459-1500S Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results

유사한 설명 - BY459F-1500

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY359DX-1500 PHILIPS-BY359DX-1500 Datasheet
21Kb / 4P
   Rectifier diode fast, high-voltage
April 1998 Rev 1.000
BY359DX-1500 PHILIPS-BY359DX-1500 Datasheet
21Kb / 4P
   Rectifier diode fast, high-voltage
April 1998 Rev 1.000
logo
EIC discrete Semiconduc...
BY8004 EIC-BY8004 Datasheet
83Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
logo
Integral Corp.
IWR0340UM INTEGRAL-IWR0340UM Datasheet
115Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODE ARRAYS
logo
EIC discrete Semiconduc...
BY8006 EIC-BY8006 Datasheet
69Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
logo
GETAI ELECTRONICS DEVIC...
GH3A-05K GETEDZ-GH3A-05K_V01 Datasheet
476Kb / 2P
   High Current Fast-Recovery High Voltage Silicon Rectifier Diode
GH3A-10K GETEDZ-GH3A-10K_V01 Datasheet
476Kb / 2P
   High Current Fast-Recovery High Voltage Silicon Rectifier Diode
logo
Semtech Corporation
PF20 SEMTECH-PF20 Datasheet
108Kb / 3P
   AXIALLEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
logo
GETAI ELECTRONICS DEVIC...
GH3A-08K GETEDZ-GH3A-08K_V01 Datasheet
476Kb / 2P
   High Current Fast-Recovery High Voltage Silicon Rectifier Diode
logo
Semtech Corporation
PF20 SEMTECH-PF20_07 Datasheet
116Kb / 4P
   Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com