전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG24 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BYG24
상세설명  Fast Avalanche SMD Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG24 데이터시트(HTML) 2 Page - Vishay Siliconix

  BYG24 Datasheet HTML 1Page - Vishay Siliconix BYG24 Datasheet HTML 2Page - Vishay Siliconix BYG24 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 86067
Rev. 1.2, 19-Oct-04
BYG24
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 1 A
VF
1.15
V
IF = 1.5 A
VF
1.25
V
Reverse current
VR = VRRM
IR
1
µA
VR = VRRM, Tj = 100 °C
IR
10
µA
Breakdown voltage
IR = 100 µA
BYG 24 D
V(BR)R
200
V
BYG 24 G
V(BR)R
400
V
BYG 24 J
V(BR)R
600
V
Reverse recovery time
IF = 0.5 A; IR = 1 A; iR = 0.25 A
trr
140
ns
Figure 1. Max. Reverse Power Dissipation vs. Junction
Temperature
Figure 2. Reverse Current vs. Junction Temperature
0
10
20
30
40
50
60
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
16
VR = VRRM
175K/W
155K/W
125K/W
PR–Limit
@100%VR
PR–Limit
@80%VR
RthJA=
1
10
100
25
50
75
100
125
150
1
10
100
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
16825
VR = VRRM
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Average Forward Current vs. Ambient Temperature
0.01
0.10
1.00
10.00
100.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF – Forward Voltage ( V )
16826
Tj=25°C
Tj=150°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
16827
VR=VRRM
half sinewave
RthJA=150K/W
RthJAv25K/W
RthJA=25K/W
RthJA=125K/W


유사한 부품 번호 - BYG24

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
BYG24D EIC-BYG24D Datasheet
133Kb / 2P
   FAST AVALANCHE RECTIFIERS
logo
Vishay Siliconix
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG24D TAYCHIPST-BYG24D Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
Vishay Siliconix
BYG24D VISHAY-BYG24D Datasheet
86Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Dec-11
logo
SUNMATE electronic Co.,...
BYG24D SUNMATE-BYG24D Datasheet
373Kb / 2P
   FAST AVALANCHE RECTIFIERS DIODES
More results

유사한 설명 - BYG24

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
97Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG24D TAYCHIPST-BYG24D Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
Vishay Siliconix
BYG24JHE3 VISHAY-BYG24JHE3 Datasheet
86Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG21K VISHAY-BYG21K_V01 Datasheet
101Kb / 5P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D_V01 Datasheet
99Kb / 4P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
BYG21K VISHAY-BYG21K_13 Datasheet
87Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 24-Aug-12
BYG21M-E3-TR VISHAY-BYG21M-E3-TR Datasheet
92Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG24D-E3 VISHAY-BYG24D-E3 Datasheet
90Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG21K-M3 VISHAY-BYG21K-M3 Datasheet
96Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 23-Feb-16
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com