전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4075BPWR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4075BPWR
상세설명  CMOS OR GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD4075BPWR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CD4075BPWR Datasheet HTML 4Page - Texas Instruments CD4075BPWR Datasheet HTML 5Page - Texas Instruments CD4075BPWR Datasheet HTML 6Page - Texas Instruments CD4075BPWR Datasheet HTML 7Page - Texas Instruments CD4075BPWR Datasheet HTML 8Page - Texas Instruments CD4075BPWR Datasheet HTML 9Page - Texas Instruments CD4075BPWR Datasheet HTML 10Page - Texas Instruments CD4075BPWR Datasheet HTML 11Page - Texas Instruments CD4075BPWR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


유사한 부품 번호 - CD4075BPWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4075BPWR TI1-CD4075BPWR Datasheet
1Mb / 29P
[Old version datasheet]   CMOS OR Gates
CD4075BPWRE4 TI1-CD4075BPWRE4 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS OR Gates
More results

유사한 설명 - CD4075BPWR

제조업체부품명데이터시트상세설명
logo
R & E International, In...
4071B RANDE-4071B Datasheet
344Kb / 2P
   CMOS OR GATES
logo
Texas Instruments
CD4071B TI-CD4071B Datasheet
209Kb / 5P
[Old version datasheet]   CMOS OR GATES
CD4071B TI1-CD4071B_15 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS OR Gates
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
Panasonic Semiconductor
MN4030B PANASONIC-MN4030B Datasheet
122Kb / 2P
   CMOS LOGIC MN4030B SERIES, QUAD EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LV2GT32A RENESAS-HD74LV2GT32A_15 Datasheet
104Kb / 10P
   Dual 2-input OR Gates / CMOS Logic Level Shifter
HD74LV2GT32A RENESAS-HD74LV2GT32A Datasheet
80Kb / 8P
   Dual 2-input OR Gates / CMOS Logic Level Shifter
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com