전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5009MX 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN5009MX
상세설명  Dual Bootstrapped 12V MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5009MX 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5009MX Datasheet HTML 3Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 4Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 5Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 6Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 7Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 8Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 9Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 10Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PRODUCT SPECIFICATION
FAN5009
REV. 1.0.5 7/22/04
7
Typical Characteristics (continued)
ICC vs. Frequency
0
4
8
12
16
20
0
100
200
300
400
500
Frequency (KHz)
Boot Diode V
Negative LDRV Voltage Transient
Boot Voltage Transient
F vs. IF
400
600
800
1,000
1,200
1,400
1,600
110
100
1000
IF (mA)
25
°C
85
°C
125
°C
Boot Diode Peak IF
0
1
2
3
4
5
6
7
8
9
10
50
75
100
125
150
175
200
ton at 500KHz (nsec)
30
31
32
33
34
35
36
0
100
200
300
400
500
Transient Duration (nsec)
0.0
-1.0
-2.0
-3.0
-4.0
-5.0
-6.0
0
100
200
300
400
500
Transient Duration (nsec)
Negative SW Voltage Transient
Transient Duration (nsec)
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
0
100
200
300
400
500
~1.2µJ per cycle


유사한 부품 번호 - FAN5009MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018BMTCX FAIRCHILD-FAN5018BMTCX Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

유사한 설명 - FAN5009MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5109B FAIRCHILD-FAN5109B Datasheet
696Kb / 14P
   Dual Bootstrapped 12V MOSFET Driver
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1110 POWER-LP1110 Datasheet
561Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Enable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. 0
ADP3417 AD-ADP3417 Datasheet
1Mb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
ON Semiconductor
ADP3414 ONSEMI-ADP3414 Datasheet
383Kb / 9P
   Dual Bootstrapped MOSFET Driver
May 2010 - Rev. 3
ADP3120A ONSEMI-ADP3120A_12 Datasheet
126Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com