전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HZU5.6B1 데이터시트(PDF) 9 Page - Renesas Technology Corp

부품명 HZU5.6B1
상세설명  Silicon Epitaxial Planar Zener Diodes for Stabilizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU5.6B1 데이터시트(HTML) 9 Page - Renesas Technology Corp

Back Button HZU5.6B1 Datasheet HTML 3Page - Renesas Technology Corp HZU5.6B1 Datasheet HTML 4Page - Renesas Technology Corp HZU5.6B1 Datasheet HTML 5Page - Renesas Technology Corp HZU5.6B1 Datasheet HTML 6Page - Renesas Technology Corp HZU5.6B1 Datasheet HTML 7Page - Renesas Technology Corp HZU5.6B1 Datasheet HTML 8Page - Renesas Technology Corp HZU5.6B1 Datasheet HTML 9Page - Renesas Technology Corp HZU5.6B1 Datasheet HTML 10Page - Renesas Technology Corp HZU5.6B1 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HZU Series
Rev.7, Dec. 2002, page 7 of 9
Main Characteristic
10
8
6
4
2
0
4
8
12
16
20
24
28
32
40
36
0
5
10 15 20 25
−0.06
30 35 40 45
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
−25
−20
−15
−10
−5
0
5
10
15
20
25
30
35
40
%/
°C
mV/
°C
250
200
150
100
50
200
150
100
50
0
0
0.8mm
0.8mm
1.5mm
Printed circuit board
15 20 1.6t mm
Material:
Glass Epoxy Resin+Cu Foil
×
Cu Foil
×
Ambient Temperature Ta (
°C)
Fig.3 Power Dissipation vs. Ambient Temperature
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
0
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)


유사한 부품 번호 - HZU5.6B1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HZU5.6 RENESAS-HZU5.6 Datasheet
103Kb / 10P
   Old Company Name in Catalogs and Other Documents
HZU5.6G RENESAS-HZU5.6G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
HZU5.6Z RENESAS-HZU5.6Z Datasheet
156Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Surge Absorb
More results

유사한 설명 - HZU5.6B1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HZM15NB3TLE RENESAS-HZM15NB3TLE Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM HITACHI-HZM Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM18NB2 RENESAS-HZM18NB2 Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com