전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3442 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SK3442
상세설명  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3442 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SK3442 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3442 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3442
2002-08-29
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
ïYfsï – ID
Drain current ID (A)
RDS (ON) – ID
100
80
60
40
20
0
0
0.4
0.8
1.2
1.6
2.0
VGS = 6 V
Common source
Tc
= 25°C
Pulse test
6.5
7
10
15
8
4
0
1
2
3
5
23
04
8
16
12
20
Common source
Tc
= 25°C
Pulse test
ID = 45 A
11
500
1
10
100
0.1
1
10
100
Common source
VDS = 10 V
Pulse test
50
30
5
3
25
-55
Tc
= 100°C
30 50
35
0.3 0.5
300
0
4
8
16
12
20
-55
Common source
VDS = 10 V
Pulse test
Tc
= 100°C
25
0
20
40
60
80
100
10
7
200
160
120
80
40
0
0
4
8
12
16
20
VGS = 6 V
Common source Tc
= 25°C Pulse test
6.5
7.5
8
500
10
100
1
10
100
1000
Common source
Tc
= 25°C
Pulse test
50
30
300 500
30 50
35
15
VGS = 10 V
300
3
5
1


유사한 부품 번호 - 2SK3442

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3442 TOSHIBA-2SK3442 Datasheet
167Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3442 TOSHIBA-2SK3442_06 Datasheet
167Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
More results

유사한 설명 - 2SK3442

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6201 TOSHIBA-TPC6201 Datasheet
166Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com