전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT367NSR 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74AHCT367NSR
상세설명  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT367NSR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AHCT367NSR Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SN54AHCT367, SN74AHCT367
HEX BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SCLS418G – JUNE 1998 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D True Outputs
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
The ’AHCT367 devices are designed specifically
to improve both the performance and density of
3-state memory address drivers, clock drivers,
and bus-oriented receivers and transmitters.
These devices are organized as dual 4-line
and
2-line
buffers/drivers
with
active-low
output-enable (1OE and 2OE) inputs. When OE is
low, the device passes noninverted data from the
A inputs to the Y outputs. When OE is high, the
outputs are in the high-impedance state.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking
capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74AHCT367N
SN74AHCT367N
SOIC
D
Tube
SN74AHCT367D
AHCT367
SOIC – D
Tape and reel
SN74AHCT367DR
AHCT367
40
°Cto85°C
SOP – NS
Tape and reel
SN74AHCT367NSR
AHCT367
–40
°C to 85°C
SSOP – DB
Tape and reel
SN74AHCT367DBR
HB367
TSSOP
PW
Tube
SN74AHCT367PW
HB367
TSSOP – PW
Tape and reel
SN74AHCT367PWR
HB367
TVSOP – DGV
Tape and reel
SN74AHCT367DGVR
HB367
CDIP – J
Tube
SNJ54AHCT367J
SNJ54AHCT367J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHCT367W
SNJ54AHCT367W
LCCC – FK
Tube
SNJ54AHCT367FK
SNJ54AHCT367FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2A2
2Y2
NC
2A1
2Y1
1Y1
1A2
NC
1Y2
1A3
SN54AHCT367 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
1A1
1Y1
1A2
1Y2
1A3
1Y3
GND
VCC
2OE
2A2
2Y2
2A1
2Y1
1A4
1Y4
SN54AHCT367 ...J OR W PACKAGE
SN74AHCT367 . . . D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


유사한 부품 번호 - SN74AHCT367NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT367NSR TI-SN74AHCT367NSR Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367NSR TI-SN74AHCT367NSR Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367NSRE4 TI-SN74AHCT367NSRE4 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHCT367NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI1-SN54HC365_15 Datasheet
1Mb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com