전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC4852N 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HC4852N
상세설명  DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4852N 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74HC4852N Datasheet HTML 2Page - Texas Instruments SN74HC4852N Datasheet HTML 3Page - Texas Instruments SN74HC4852N Datasheet HTML 4Page - Texas Instruments SN74HC4852N Datasheet HTML 5Page - Texas Instruments SN74HC4852N Datasheet HTML 6Page - Texas Instruments SN74HC4852N Datasheet HTML 7Page - Texas Instruments SN74HC4852N Datasheet HTML 8Page - Texas Instruments SN74HC4852N Datasheet HTML 9Page - Texas Instruments SN74HC4852N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN74HC4852
DUAL 4TO1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS573 − MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 4.5 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
6.3
8.6
11.6
4.6
12.5
4.5
13.5
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
9.3
11
14
6.5
15
5.6
17
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
8
9.9
40
5.3
45
4.4
50
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
28.5
41.4
80
28.2
90
28
100
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 6 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
5.5
8
10.2
4.1
11
3.6
12
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
7.4
9.5
12.6
4.7
14.5
3.8
16.5
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
6.8
8.4
39
4.8
40
3.8
40
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
14.4
38
78
13.5
80
13
80
ns
operating characteristics, TA = 25°C (see Figure 15)
PARAMETER
VCC
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
3.3 V
No load
48
pF
Cpd
Power dissipation capacitance
5 V
No load
60
pF


유사한 부품 번호 - SN74HC4852N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC4852N TI-SN74HC4852N Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852N TI-SN74HC4852N Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852NE4 TI-SN74HC4852NE4 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852NE4 TI-SN74HC4852NE4 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

유사한 설명 - SN74HC4852N

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com