전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74SSTU32864ZKER 데이터시트(PDF) 11 Page - Texas Instruments

부품명 SN74SSTU32864ZKER
상세설명  25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTU32864ZKER 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74SSTU32864ZKER Datasheet HTML 6Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 7Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 8Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 9Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 10Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 11Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 12Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 13Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SN74SSTU32864
25-BIT CONFIGURABLE REGISTERED BUFFER
WITH SSTL_18 INPUTS AND OUTPUTS
SCES434 – MARCH 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
VOH
IOH = –100 µA
1.7 V to 1.9 V
VCC–0.2
V
VOH
IOH = –6 mA
1.7 V
1.2
V
VOL
IOL = 100 µA
1.7 V to 1.9 V
0.2
V
VOL
IOL = 6 mA
1.7 V
0.5
V
II
All inputs‡
VI = VCC or GND
1.9 V
±5
µA
ICC
Static standby
RESET = GND
IO =0
19 V
100
µA
ICC
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
IO = 0
1.9 V
40
mA
Dynamic operating –
clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
28
µA/
MHz
ICCD
Dynamic operating –
per each data input,
1:1 configuration
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
IO = 0
1.8 V
18
µA/
clock
Dynamic operating –
per each data input,
1:2 configuration
C
a d C
s
c
g 50% du y cyc e,
One data input switching at one-half clock
frequency, 50% duty cycle
36
MHz/
D input
Chip-select-enabled
low-power active
mode – clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
27
µA/
MHz
ICCDLP
Chip-select-enabled
low-power active
mode –
1:1 configuration
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
IO = 0
1.8 V
2
µA/
clock
Chip-select-enabled
low-power active
mode –
1:2 configuration
C
a d C
s
c
g 50% du y cyc e,
One data input switching at one-half clock
frequency, 50% duty cycle
2
MHz/
D input
Data inputs, CSR
VI = VREF ± 250 mV
2.5
3
3.5
Ci
CLK, CLK
VICR = 0.9 V, VI(PP) = 600 mV
1.8 V
2
3
pF
RESET
VI = VCC or GND
2.5
† All typical values are at VCC = 1.8 V, TA = 25°C.
‡ Each VREF pin (A3 or T3) should be tested independently, with the other (untested) pin open.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1 and Note 5)
MIN
MAX
UNIT
fclock
Clock frequency
500
MHz
tw
Pulse duration, CLK, CLK high or low
1
ns
tact
Differential inputs active time (see Note 6)
10
ns
tinact
Differential inputs inactive time (see Note 7)
15
ns
DCS before CLK
↑, CLK↓, CSR high; CSR before CLK↑, CLK↓, DCS high
0.7
tsu
Setup time
DCS before CLK
↑, CLK↓, CSR low
0.5
ns
DODT, DCKE, and Data before CLK
↑, CLK↓
0.5
th
Hold time
DCS, DODT, DCKE, and Data after CLK
↑, CLK↓
0.5
ns
NOTES:
5. All input slew rates are 1 V/ns
±20%.
6. VREF must be held at a valid input level and data inputs must be held low for a minimum time of tact max, after RESET is taken high.
7. VREF, data, and clock inputs must be held at valid voltage levels (not floating) for a minimum time of tinact max, after RESET is taken
low.


유사한 부품 번호 - SN74SSTU32864ZKER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74SSTU32864ZKER TI-SN74SSTU32864ZKER Datasheet
567Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
More results

유사한 설명 - SN74SSTU32864ZKER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74SSTU32864D TI-SN74SSTU32864D Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864 TI-SN74SSTU32864_V01 Datasheet
567Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864C TI-SN74SSTU32864C Datasheet
304Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS
74SSTUB32864A TI1-74SSTUB32864A Datasheet
519Kb / 19P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTU32864 ICST-ICSSSTU32864 Datasheet
110Kb / 11P
   25-Bit Configurable Registered Buffer
logo
Texas Instruments
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTUB32864 TI1-SN74SSTUB32864 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com