전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NE5532 데이터시트(Datasheet) 1 Page - ON Semiconductor

부품명 NE5532
상세내용  Internally Compensated Dual Low Noise Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 1
1
Publication Order Number:
NE5532/D
NE5532, SA5532, SE5532,
NE5532A, SE5532A
Internally Compensated
Dual Low Noise
Operational Amplifier
The 5532 is a dual high-performance low noise operational
amplifier. Compared to most of the standard operational amplifiers,
such as the 1458, it shows better noise performance, improved output
drive capability and considerably higher small-signal and power
bandwidths.
This makes the device especially suitable for application in
high-quality and professional audio equipment, instrumentation and
control circuits, and telephone channel amplifiers. The op amp is
internally compensated for gains equal to one. If very low noise is of
prime importance, it is recommended that the 5532A version be used
because it has guaranteed noise voltage specifications.
Features
Small-Signal Bandwidth: 10 MHz
Output Drive Capability: 600 W, 10 VRMS
Input Noise Voltage: 5.0 nV Hz (Typical)
DC Voltage Gain: 50000
AC Voltage Gain: 2200 at 10 kHz
Power Bandwidth: 140 kHz
Slew Rate: 9.0 V/ms
Large Supply Voltage Range: "3.0 to "20 V
Compensated for Unity Gain
Pb−Free Packages are Available
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
SOIC−8
D SUFFIX
CASE 751
PDIP−8
N SUFFIX
CASE 626
1
8
1
8
16
1
SOIC−16 WB
D SUFFIX
CASE 751G
N, D8 Packages
D Package*
*SOL and non-standard pinout.
7
6
5
4
3
2
1
B
A
V+
OUTB
−INB
+INB
OUTA
−INA
+INA
V-
Top View
−INA
+INA
NC
V−
NC
NC
+INB
−INB
NC
NC
NC
OUTA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
V+
OUTB
NC
NC
Top View
8
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
 2 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
2
Figure 1. Equivalent Schematic (Each Amplifier)
+
_
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VS
"22
V
Input Voltage
VIN
"VSUPPLY
V
Differential Input Voltage (Note 1)
VDIFF
"0.5
V
Operating Temperature Range
NE5532/A
SA5532
SE5532/A
Tamb
0 to 70
−40 to +85
−55 to +125
°C
Storage Temperature
Tstg
−65 to +150
°C
Junction Temperature
Tj
150
°C
Maximum Power Dissipation, Tamb = 25°C (Still-Air)
8 D8 Package
8 N Package
16 D Packagee
PD
780
1200
1200
mW
Thermal Resistance, Junction−to−Ambient
8 D8 Package
8 N Package
16 D Packagee
RqJA
182
130
140
°C/W
Lead Soldering Temperature (10 sec max)
Tsld
230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Diodes protect the inputs against overvoltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential input
voltage exceeds 0.6 V. Maximum current should be limited to "10 mA.
 3 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.) (Notes 2, 3 and 4)
Characteristic
Symbol
Test Conditions
SE5532/A
NE5532/A, SA5532
Unit
Min
Typ
Max
Min
Typ
Max
Offset Voltage
VOS
0.5
2.0
0.5
4.0
mV
Overtemperature
3.0
5.0
mV
DVOS/DT
5.0
5.0
mV/°C
Offset Current
IOS
100
10
150
nA
Overtemperature
200
200
nA
DIOS/DT
200
200
pA/°C
Input Current
IB
200
400
200
800
nA
Overtemperature
700
1000
nA
DIB/DT
5.0
5.0
nA/°C
Supply Current
ICC
8.0
10.5
8.0
16
mA
Overtemperature
13
Common-Mode Input Range
VCM
"12
"13
"12
"13
V
Common-Mode Rejection Ratio
CMRR
80
100
70
100
dB
Power Supply Rejection Ratio
PSRR
10
50
10
100
mV/V
Large-Signal Voltage Gain
AVOL
RL w 2.0 kW; VO = "10 V
50
100
25
100
V/mV
Overtemperature
25
15
RL w 600 W; VO = "10 V
40
50
15
50
Overtemperature
20
10
Output Swing
VOUT
RL w 600 W
"12
"13
"12
"13
V
Overtemperature
"10
"12
"10
"12
RL w 600 W; VS = "18 V
"15
"16
"15
"16
Overtemperature
"12
"14
"12
"14
RL w 2.0 kW
"13
"13.5
"13
"13.5
Overtemperature
"12
"12.5
"10
"12.5
Input Resistance
RIN
30
300
30
300
kW
Output Short Circuit Current
ISC
10
38
60
10
38
60
mA
2. Diodes protect the inputs against overvoltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential input
voltage exceeds 0.6 V. Maximum current should be limited to "10 mA.
3. For operation at elevated temperature, derate packages based on the package thermal resistance.
4. Output may be shorted to ground at VS = "15 V, Tamb = 25°C. Temperature and/or supply voltages must be limited to ensure dissipation rating
is not exceeded.
 4 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NE/SE5532/A, SA5532
Unit
Min
Typ
Max
Output Resistance
ROUT
AV = 30 dB Closed-loop
f = 10 kHz, RL = 600 W
0.3
W
Overshoot
Voltage-Follower
%
VIN = 100 mVP-P
10
CL = 100 pF; RL = 600 W
Gain
AV
f = 10 kHz
2.2
V/mV
Gain Bandwidth Product
GBW
CL = 100 pF; RL = 600 W
10
MHz
Slew Rate
SR
9.0
V/ms
Power Bandwidth
VOUT = "10 V
140
kHz
VOUT = "14 V;
RL = 600 W
100
VCC = "18 V
ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NE/SE5532
NE/SA/SE5532A
Unit
Min
Typ
Max
Min
Typ
Max
Input Noise Voltage
VNOISE
fO = 30 Hz
8.0
8.0
12
nV/√Hz
fO = 1.0 kHz
5.0
5.0
6.0
Input Noise Current
INOISE
fO = 30 Hz
2.7
2.7
pA/√Hz
fO = 1.0 kHz
0.7
0.7
Channel Separation
f = 1.0 kHz; RS = 5.0 kW
110
110
dB
 5 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
10
102
103
104
105
106
107
120
80
40
0
-40
f (Hz)
80
60
40
20
0
-55
-25
0
25
50
75
100 +125
-55
-25
0
25
50
75
100 +125
1,4
1,2
0,8
0,4
0
30
20
10
0
010
20
Tamb (oC)
TYP
IO
(mA)
II
(mA)
VIN (V)
Vp; −VN (V)
Figure 2. Open-Loop Frequency
Response
60
40
20
0
-20
103
104
105
106
107
108
f (Hz)
RF = 10 kW; RE = 100 W
RF = 9 kW; RE = 1 kW
RF = 1 kW; RE = ∞
102
103
104
105
106
107
40
30
20
10
0
f (Hz)
(V)
Vo(p-p)
(nV
Hz)
IO = 0
0
10
20
0
2
4
6
10−2
10
1
10−1
10−2
10
102
103
104
f (Hz)
TYP
TYP
IP
IN
(mA)
Vp; −VN (V)
Tamb (oC)
Figure 3. Closed-Loop Frequency
Response
Figure 4. Large−Signal Frequency
Response
Figure 5. Output Short−Circuit
Current
Figure 6. Input Bias Current
Figure 7. Input Common−Mode
Voltage Range
Figure 8. Supply Current
Figure 9. Input Noise Voltage
Density
TYPICAL VALUES
TYPICAL VALUES
VS = "15 V
TYPICAL VALUES
VS = "15 V
VS = "15 V
TYPICAL VALUES
 6 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
6
Closed-Loop Frequency Response
Voltage-Follower
+
5532 (1/2)
100 pF
RS
VI
RE
RF
800 W
25 W
+
5532
VIN
VOUT
100 pF
600 W
V+
V−
1 kW
Figure 10. Test Circuits
MARKING DIAGRAMS
SOIC−8
D SUFFIX
CASE 751
PDIP−8
N SUFFIX
CASE 626
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Packagee
NE5532AN
AWL
YYWWG
NE5532N
AWL
YYWWG
SA5532N
AWL
YYWWG
SE5532N
AWL
YYWWG
SOIC−16 WB
D SUFFIX
CASE 751G
16
1
NE5532D
AWLYYWWG
S5532
ALYWA
G
1
8
N5532
ALYW
G
1
8
N5532
ALYWA
G
1
8
 7 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
7
ORDERING INFORMATION
Device
Description
Temperature Range
Shipping
NE5532AD8
8−Pin Plastic Small Outline (SO−8) Packagee
0 to 70°C
98 Units / Rail
NE5532AD8G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0 to 70°C
98 Units / Rail
NE5532AD8R2
8−Pin Plastic Small Outline (SO−8) Packagee
0 to 70°C
2500 / Tape & Reel
NE5532AD8R2G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0 to 70°C
2500 / Tape & Reel
NE5532AN
8−Pin Plastic Dual In−Line Package (PDIP−8)
0 to 70°C
50 Units / Rail
NE5532ANG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
0 to 70°C
50 Units / Rail
NE5532D
16−Pin Plastic Small Outline (SO−16 WB) Package
0 to 70°C
47 Units / Rail
NE5532DG
16−Pin Plastic Small Outline (SO−16 WB) Package
(Pb−Free)
0 to 70°C
47 Units / Rail
NE5532DR2
16−Pin Plastic Small Outline (SO−16 WB) Package
0 to 70°C
1000 Tape & Reel
NE5532DR2G
16−Pin Plastic Small Outline (SO−16 WB) Package
(Pb−Free)
0 to 70°C
1000 Tape & Reel
NE5532D8
8−Pin Plastic Small Outline (SO−8) Packagee
0 to 70°C
98 Units / Rail
NE5532D8G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0 to 70°C
98 Units / Rail
NE5532D8R2
8−Pin Plastic Small Outline (SO−8) Packagee
0 to 70°C
2500 / Tape & Reel
NE5532D8R2G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0 to 70°C
2500 / Tape & Reel
NE5532N
8−Pin Plastic Dual In−Line Package (PDIP−8)
0 to 70°C
50 Units / Rail
NE5532NG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
0 to 70°C
50 Units / Rail
SA5532N
8−Pin Plastic Dual In−Line Package (PDIP−8)
−40 to +85°C
50 Units / Rail
SA5532NG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
−40 to +85°C
50 Units / Rail
SE5532AD8
8−Pin Plastic Small Outline (SO−8) Packagee
−55 to +125°C
98 Units / Rail
SE5532AD8G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
−55 to +125°C
98 Units / Rail
SE5532AD8R2
8−Pin Plastic Small Outline (SO−8) Packagee
−55 to +125°C
2500 / Tape & Reel
SE5532AD8R2G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
−55 to +125°C
2500 / Tape & Reel
SE5532N
8−Pin Plastic Dual In−Line Package (PDIP−8)
−55 to +125°C
50 Units / Rail
SE5532NG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
−55 to +125°C
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
 8 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
8
PACKAGE DIMENSIONS
SOIC−8 NB
CASE 751−07
ISSUE AG
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
____
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
 9 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
9
PACKAGE DIMENSIONS
8−Pin Plastic Dual In−Line Package (PDIP−8)
N SUFFIX
CASE 626−05
ISSUE L
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
−A−
−B−
−T−
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
−−−
10
−−−
10
N
0.76
1.01
0.030
0.040
__
 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
10
PACKAGE DIMENSIONS
SOIC−16 WB
D SUFFIX
CASE 751G−03
ISSUE C
D
14X
B
16X
SEATING
PLANE
S
A
M
0.25
B S
T
16
9
8
1
B
A
e
T
C
q
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INLCUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 TOTAL IN
EXCESS OF THE B DIMENSION AT MAXIMUM
MATERIAL CONDITION.
DIM MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D 10.15 10.45
E
7.40
7.60
e
1.27 BSC
H 10.05 10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
_
_
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any
liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over
time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under
its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body,
or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death
may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees,
subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of
personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part.
SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NE5532/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.




Html 페이지

1  2  3  4  5  6  7  8  9  10 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TL072LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)
MC33077_04Low Noise Dual Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
LM833_05Low Noise Audio Dual Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
TL062_05LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
LM2904W_06Low power dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
OPA2604_06Dual FET-Input Low Distortion OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
AD605_06Dual Low Noise Single-Supply Variable Gain Amplifier 1 2 3 4 5 MoreAnalog Devices
ADN28803.2 Gbps 3.3 V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices

링크 URL


Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn