전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NE5534 데이터시트(Datasheet) 8 Page - ON Semiconductor

부품명 NE5534
상세내용  Single Low Noise Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 2
1
Publication Order Number:
NE5534/D
NE5534, SA5534, SE5534,
NE5534A, SA5534A,
SE5534A
Single Low Noise
Operational Amplifier
The NE/SA/SE5534/5534A are single high-performance low noise
operational amplifiers. Compared to other operational amplifiers,
such as TL083, they show better noise performance, improved output
drive capability, and considerably higher small-signal and power
bandwidths.
This makes the devices especially suitable for application in high
quality and professional audio equipment, in instrumentation and
control circuits and telephone channel amplifiers. The op amps are
internally compensated for gain equal to, or higher than, three. The
frequency response can be optimized with an external compensation
capacitor for various applications (unity gain amplifier, capacitive
load, slew rate, low overshoot, etc.).
Features
Small-Signal Bandwidth: 10 MHz
Output Drive Capability: 600 W, 10 VRMS at VS = "18 V
Input Noise Voltage: 4nV Hz
DC Voltage Gain: 100000
AC Voltage Gain: 6000 at 10 kHz
Power Bandwidth: 200 kHz
Slew Rate: 13 V/ms
Large Supply Voltage Range: "3.0 to "20 V
Pb−Free Packages are Available
Applications
Audio Equipment
Instrumentation and Control Circuits
Telephone Channel Amplifiers
Medical Equipment
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
SOIC−8
D SUFFIX
CASE 751
Top View
PDIP−8
N SUFFIX
CASE 626
1
8
8
7
6
5
4
3
2
1
BALANCE/
COMPENSATION
V+
OUTPUT
COMPENSATION
BALANCE
INVERTING INPUT
NON-INVERTING
V−
D, N Packages
1
8
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
 2 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
2
1
2
3
4
6
7
5
8
Figure 1. Equivalent Schematic
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VS
"22
V
Input Voltage
VIN
"V Supply
V
Differential Input Voltage (Note 1)
VDIFF
"0.5
V
Operating Temperature Range
NE
SA
SE
Tamb
0 to +70
−40 to +85
−55 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Temperature
Tj
150
°C
Power Dissipation at 25°C
N Package
D Package
PD
1150
750
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
130
158
°C/W
Output Short-Circuit Duration (Note 2)
Indefinite
Lead Soldering Temperature (10 sec max)
Tsld
230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Diodes protect the inputs against overvoltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential input
voltage exceeds 0.6 V. Maximum current should be limited to "10 mA.
2. Output may be shorted to ground at VS = "15 V, Tamb = 25°C. Temperature and/or supply voltages must be limited to ensure dissipation rating
is not exceeded.
 3 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.) (Notes 3, 4 and 5)
Characteristic
Symbol
Test Conditions
NE/SA5534/5534A
SE5534/5534A
Unit
Min
Typ
Max
Min
Typ
Max
VOS
0.5
4.0
0.5
2.0
mV
Offset Voltage
Overtemperature
5.0
3.0
mV
DVOS/DT
5.0
5.0
mV/°C
IOS
20
300
10
200
nA
Offset Current
Overtemperature
400
500
nA
DIOS/DT
200
200
pA/°C
IB
500
1500
400
800
nA
Input Current
Overtemperature
2000
1500
nA
DIB/DT
5.0
5.0
nA/°C
Supply Current
Per Op Amp
ICC
Overtemperature
4.0
8.0
10
4.0
6.5
9.0
mA
Common Mode Input Range
VCM
"12
"13
"12
"13
V
Common Mode Rejection Ratio
CMRR
70
100
80
100
dB
Power Supply Rejection Ratio
PSRR
10
100
10
50
mV/V
Large-Signal Voltage Gain
AVOL
RL ≥ 600 W,
VO = "10 V
Overtemperature
25
15
100
50
25
100
V/mV
Output Swing
VOUT
RL w 600 W
"12
"13
"12
"13
V
Overtemperature
"10
"12
"10
"12
RL w 600 W;
VS = "18 V
"15
"16
"15
16
RL w 2.0 kW
"13
"13.5
"13
"13.5
Overtemperature
"12
"12.5
"12
"12.5
Input Resistance
RIN
30
100
50
100
kW
Output Short Circuit Current
ISC
38
38
mA
3. For NE5534/5534A, TMIN = 0°C, TMAX = 70°C.
4. For SA5534/5534A, TMIN = −40°C, TMAX = +85°C.
5. For SE5534/5534A, TMIN = −55°C, TMAX = +125°C.
 4 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NE/SA5534/5534A
SE5534/5534A
Unit
Min
Typ
Max
Min
Typ
Max
Output Resistance
ROUT
AV = 30 dB
closed-loop
f = 10 kHz;
RL = 600 W;
CC = 22 pF
0.3
0.3
W
Transient Response
Voltage-follower,
VIN = 50 mV
RL = 600 W,
CC = 22 pF,
CL = 100 pF
Rise Time
tR
20
20
ns
Overshoot
20
20
%
Transient Response
VIN = 50 mV,
RL = 600 W,
CC = 47 pF,
CL = 500 pF
Rise Time
tR
50
50
ns
Overshoot
35
35
%
Gain
AV
f = 10 kHz, CC = 0
6.0
6.0
V/mV
f = 10 kHz,
CC = 22 pF
2.2
2.2
Gain Bandwidth Product
GBW
CC = 22 pF,
CL = 100 pF
10
10
MHz
Slew Rate
SR
CC = 0
13
13
V/ms
CC = 22 pF
6.0
6.0
Power Bandwidth
VOUT = "10 V,
CC = 0 pF
200
200
kHz
VOUT = "10 V,
CC = 22 pF
95
95
VOUT = "14 V,
RL = 600 W,
CC = 22 pF,
VCC = "18 V
70
70
ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = 15 V, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NE/SA/SE5534
NE/SA/SE5534A
Unit
Min
Typ
Max
Min
Typ
Max
Input Noise Voltage
VNOISE
fO = 30 Hz
fO = 1.0 kHz
7.0
4.0
5.5
3.5
7.0
4.5
nV/√Hz
Input Noise Current
INOISE
fO = 30 Hz
fO = 1.0 kHz
2.5
0.6
1.5
0.4
pA/√Hz
Broadband Noise Figure
f = 10 Hz to
20 kHz;
RS = 5.0 kW
0.9
dB
Channel Separation
f = 1.0 kHz;
RS = 5.0 kW
110
110
dB
 5 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
(nV Hz)
10
102
103
104
105
106
107
120
80
40
0
-40
f (Hz)
16
12
8
4
0
040
80
102
103
104
105
106
107
40
30
20
10
0
80
60
40
20
0
-55
-25
0
25
50
75
100
+125
-55
-25
0
25
50
75
100 +125
1,4
1,2
0,8
0,4
0
30
20
10
0
010
20
010
20
0
2
4
6
102
10
1
10−1
10−2
10
102
103
104
CC(pF)
f (Hz)
f (Hz)
Tamb (oC)
Tamb (oC)
TYP
TYP
TYP
TYP
TYP
NEG
POS
CC =
0pF
22pF
47pF
CC = 0
CC = 22pF
S
(V/ms)
(V)
Vo(p-p)
IO
(mA)
II
(mA)
VIN (V)
IP
IN
(mA)
Vp; -VN (V)
Vp; -VN (V)
Figure 2. Open-Loop
Frequency Response
Figure 3. Slew Rate as a
Function of Compensation
Capacitance
60
40
20
0
-20
103
104
105
106
107
108
f (Hz)
CC = 0; RF = 10kW; RE = 100W
CC = 0; RF = 9kW; RE = 1kW
CC = 22pF; RF = 1kW; RE = ∞
Figure 4. Closed−Loop
Frequency Response
Figure 5. Large−Signal
Frequency Response
Figure 6. Output
Short−Circuit Current
Figure 7. Input Bias
Current
Figure 8. Input Common−Mode
Voltage Range
Figure 9. Supply Current
Per Op Amp
Figure 10. Input Noise
Voltage Density
TYPICAL VALUES
5
8
CC
VS = +15V
TYPICAL VALUES
VS = +15V
TYPICAL VALUES
VS = +15V
VS = +15V
TYPICAL VALUES
IO = 0
 6 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
RS (W)
(pA Hz)
(nV Hz)
102
10
1
10−1
10−2
10
102
103
104
f (Hz)
TYP
Figure 11. Input Noise
Current Density
10
102
103
104
105
106
Figure 12. Total Input
Noise Density
010
20
RS (W)
Figure 13. Broadband Input
Noise Voltage
Vn(rms)
In(rms)
106
105
104
103
102
10
1
10−1
10−2
Vn(rms)
(mV)
102
10
1
10−1
10−2
10Hz
1kHz
THERMAL NOISE
OF SOURCE
RESISTANCE
10Hz TO 20kHz
200Hz TO 4kHz
TYPICAL VALUES
TYPICAL VALUES
 7 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
7
TEST LOAD CIRCUITS
CC
RS
RE
VI
100kW
22kW
600W
25W
RF
1
8
5
7
6
4
3
2
-
+
+
-
2
3
8
5
6
100pF
V+
V-
Figure 14. Frequency Compensation and
Offset Voltage Adjustment Circuit
Figure 15. Closed-Loop Frequency Response
5534
5534
CC
(nV Hz)
(nV Hz)
CAL
OSC
POWER
SUPPLY
CAL
METER
+VCC
-VCC
+40dB
10kW
100W
TEST BOARD
GND
1W
DUT
+
-
BANDPASS
AT 1kHz
BANDPASS
AT 30Hz
Figure 16. Noise Test Block Diagram
 8 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
8
SA5234xN
AWL
YYWWG
PDIP−8
N SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
x
= Blank or A
A
= Assembly Location
WL, L = Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
MARKING DIAGRAMS
N5234
ALYWA
G
1
8
S5234
ALYWA
G
1
8
S5234
ALYW
G
1
8
NE5234xN
AWL
YYWWG
SE5234xN
AWL
YYWWG
ORDERING INFORMATION
Device
Description
Temperature Range
Shipping
NE5534AD
8−Pin Plastic Small Outline (SO−8) Package
0 to +70°C
98 Units / Rail
NE5534ADG
8−Pin Plastic Small Outline (SO−8) Package (Pb−Free)
0 to +70°C
98 Units / Rail
NE5534ADR2
8−Pin Plastic Small Outline (SO−8) Package
0 to +70°C
2500 / Tape & Reel
NE5534ADR2G
8−Pin Plastic Small Outline (SO−8) Package (Pb−Free)
0 to +70°C
2500 / Tape & Reel
NE5534AN
8−Pin Plastic Dual In−Line Package (PDIP−8)
0 to +70°C
50 Units / Rail
NE5534ANG
8−Pin Plastic Dual In−Line Package (PDIP−8) (Pb−Free)
0 to +70°C
50 Units / Rail
NE5534D
8−Pin Plastic Small Outline (SO−8) Package
0 to +70°C
98 Units / Rail
NE5534DG
8−Pin Plastic Small Outline (SO−8) Package (Pb−Free)
0 to +70°C
98 Units / Rail
NE5534DR2
8−Pin Plastic Small Outline (SO−8) Package
0 to +70°C
2500 / Tape & Reel
NE5534DR2G
8−Pin Plastic Small Outline (SO−8) Package (Pb−Free)
0 to +70°C
2500 / Tape & Reel
NE5534N
8−Pin Plastic Dual In−Line Package (PDIP−8)
0 to +70°C
50 Units / Rail
NE5534NG
8−Pin Plastic Dual In−Line Package (PDIP−8) (Pb−Free)
0 to +70°C
50 Units / Rail
SA5534AD
8−Pin Plastic Small Outline (SO−8) Package
−40 to +85°C
98 Units / Rail
SA5534ADG
8−Pin Plastic Small Outline (SO−8) Package (Pb−Free)
−40 to +85°C
98 Units / Rail
SA5534ADR2
8−Pin Plastic Small Outline (SO−8) Package
−40 to +85°C
2500 / Tape & Reel
SA5534ADR2G
8−Pin Plastic Small Outline (SO−8) Package (Pb−Free)
−40 to +85°C
2500 / Tape & Reel
SA5534AN
8−Pin Plastic Dual In−Line Package (PDIP−8)
−40 to +85°C
50 Units / Rail
SA5534ANG
8−Pin Plastic Dual In−Line Package (PDIP−8) (Pb−Free)
−40 to +85°C
50 Units / Rail
SA5534N
8−Pin Plastic Dual In−Line Package (PDIP−8)
−40 to +85°C
50 Units / Rail
SA5534NG
8−Pin Plastic Dual In−Line Package (PDIP−8) (Pb−Free)
−40 to +85°C
50 Units / Rail
SE5534AN
8−Pin Plastic Dual In−Line Package (PDIP−8)
−55 to +125°C
50 Units / Rail
SE5534ANG
8−Pin Plastic Dual In−Line Package (PDIP−8) (Pb−Free)
−55 to +125°C
50 Units / Rail
SE5534N
8−Pin Plastic Dual In−Line Package (PDIP−8)
−55 to +125°C
50 Units / Rail
SE5534NG
8−Pin Plastic Dual In−Line Package (PDIP−8) (Pb−Free)
−55 to +125°C
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
 9 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
9
PACKAGE DIMENSIONS
SOIC−8 NB
CASE 751−07
ISSUE AG
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
____
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
 10 page
background image
NE5534, SA5534, SE5534, NE5534A, SA5534A, SE5534A
http://onsemi.com
10
PACKAGE DIMENSIONS
8−Pin Plastic Dual In−Line Package (PDIP−8)
N SUFFIX
CASE 626−05
ISSUE L
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
−A−
−B−
−T−
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
−−−
10
−−−
10
N
0.76
1.01
0.030
0.040
__
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any
liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over
time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under
its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body,
or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death
may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees,
subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of
personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part.
SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NE5534/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.




Html 페이지

1  2  3  4  5  6  7  8  9  10 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NE5532Internally Compensated Dual Low Noise Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
TL072LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)
MC33077_04Low Noise Dual Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
LM833_05Low Noise Audio Dual Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
TS321_05Low Power Single Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
ADN28803.2 Gbps 3.3 V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
UPC2713T1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 NEC
WHM2535-12AE2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE 1 2 3 4 5 List of Unclassifed Manufacturers

링크 URL


Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn